Electronic Components Datasheet Search
  English  ▼

X  

3471008 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 3471008
Description  Sensor box
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

3471008 Datasheet(HTML) 2 Page - Festo Corporation.

  3471008 Datasheet HTML 1Page - Festo Corporation. 3471008 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Measuring principle
Mechanical/electrical
For proximity sensor
Ambient temperature
-20 °C ... 60 °C
Switching output
Contact-based
Switching element function
Toggle switch, single-pin
Max. output current AC
10000 mA
Max. output current DC
6000 mA
Operating voltage range AC
0 V ... 250 V
DC operating voltage range
0 V ... 30 V
Electrical connection
10-pin
Screw terminal
Closable nominal conductor cross-section
0.25 mm² ... 2.5 mm²
Cable fitting
1/2 NPT
Type of mounting
On flange as per ISO 5211
With mounting bracket
Connection for valve positioner and position sensor conforms to
standard
VDI/VDE 3845 size AA 1
Mounting position
Any
Product weight
1700 g
Housing colour
Silver
Housing material
Die-cast aluminum
Seals material
NBR
Shaft material
High-alloy stainless steel
Material of screws
High-alloy stainless steel
Material of mounting bracket
High-alloy stainless steel
Pointer material
PC
Circlip material
High-alloy stainless steel
Disc material
High-alloy stainless steel
Position indicator
Yellow/red
Angle detection setting range
0 deg ... 90 deg
Storage temperature
-20 °C ... 60 °C
Degree of protection
IP67
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Contamination level
3
7/28/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com