Electronic Components Datasheet Search
  English  ▼

X  

RDEF0076 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RDEF0076
Description  Wirewound Resistors, Industrial Power, Tubular, Roundwire (RD), Fixed (RDEF, RDSF)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RDEF0076 Datasheet(HTML) 3 Page - Vishay Siliconix

  RDEF0076 Datasheet HTML 1Page - Vishay Siliconix RDEF0076 Datasheet HTML 2Page - Vishay Siliconix RDEF0076 Datasheet HTML 3Page - Vishay Siliconix RDEF0076 Datasheet HTML 4Page - Vishay Siliconix RDEF0076 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RDEF, RDSF
www.vishay.com
Vishay Milwaukee
Revision: 04-Mar-16
3
Document Number: 31829
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
METRIC OPTIONS AVAILABLE
Metric Hardware on Terminal Lugs
Use terminal designation “1” example: RDEF03001R000K1B00
Metric Mounting Hardware
Vertical mount: use special designation “VM” example: RDEF03001R000K1BVM
1 high bracket: use special designation “1A” example: RDEF03001R000K1B1M
2 high bracket: use special designation “2A” example: RDEF03001R000K1B2M
3 high bracket: use special designation “3A” example: RDEF03001R000K1B3M
4 high bracket: use special designation “4A” example: RDEF03001R000K1B4M
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR CHARACTERISTICS
Power rating
W
8 to 1150
Resistance range
0.12 to 227K
Resistance tolerance
%
5 for above 1
, 10 below 1 
TCR
ppm/°C
± 400, ± 180, ± 130, ± 20 (varies by wattage and resistance)
Operating temperature
°C
-55 to +350
Temperature rise
°C
325 above an ambient of 25 °C
Maximum altitude
f.a.s.l. (m.a.s.l.)
derate above 4921 f.a.s.l. (1500 m.a.s.l.)
Short-term overload (surge)
10 x rated power for 5 s
Surge windings
available
Maximum working voltage
(P x R)1/2
Insulation resistance
1M
Dielectric voltage
VRMS
up to 1500 (upon request)
Creepage
inch (mm)
minimum 0.125 (3.175), typical (varies by wattage)
Terminal sleeves
n/a
Inductance
μH
0.2 to 10 300 (varies by wattage and resistance)
Non-inductive winding
available
Terminal strength
lb
10
Electrical or mechanical customization
available: www.vishay.com/doc?31857
DERATING CURVE
MATERIAL SPECIFICATIONS
Element
copper-nickel, nickel-chrome, iron-chrome-aluminum
Core
cordierite, steatite
Coating
special high temperature silicone or vitreous enamel
Standard terminals
nickel-iron
Part marking
value, date code, MRC
0
AMBIENT TEMPERATURE IN °C
25
120
0
100
80
60
40
20
50
100
150
200
250
300
350



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com