Electronic Components Datasheet Search
  English  ▼

X  

3929370 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 3929370
Description  Valve positioners
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

3929370 Datasheet(HTML) 2 Page - Festo Corporation.

  3929370 Datasheet HTML 1Page - Festo Corporation. 3929370 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Analog outputs, overload protection
yes
Analog outputs, galvanic isolation
no
Input characteristics
As per IEC 61131-2, type 3
Switching input
PNP
NPN
Digital inputs, reverse polarity protection
yes
Digital inputs, electrical isolation
Yes, optocoupler
Digital outputs, reverse polarity protection
yes
Switching output
3 x PNP or 3 x NPN switchable
Digital outputs, output current
100 mA
Digital outputs, short circuit current rating
yes
Digital outputs, overload protection
yes
Digital outputs, potential separation
Yes, optocoupler
Electrical connection 1, function
2x digital input
3x digital output
Analog output
Analog input
Power supply
Load power supply
Electrical connection 1, connection type
Terminal strip
Electrical connection 1, connection technology
Screw terminal
Electrical connection 1, number of pins/wires
14
Electrical connection 1, tightening torque
0.6 Nm
Electrical connection 1, conductor cross section
<1.5 mm²
Cable fitting
M20 x 1.5 for electrical connection 1
Approved cable diameter
7-13 mm for electrical connection 1
Max. cable length
30 m for electrical connection 1
Ambient temperature
-5 °C ... 60 °C
Storage temperature
-20 °C ... 60 °C
Relative air humidity
93 %
Degree of protection
IP65
Shock resistance
Shock test with severity level 1 as per FN 942017-5 and EN 60068-2-27
as per EN 60068-2-29
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
as per EN 60068-2-6
Contamination level
3
Certification
RCM compliance mark
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
Housing material
PC-reinforced
Inspection window material
PC
Base plate material
Wrought aluminum alloy
Anodized
Shaft material
High-alloy stainless steel
Quick-coupling material
High-alloy stainless steel
Material of screws
High-alloy stainless steel
Seals material
NBR
Material for cable connector
PA
Blanking plug material
PA
Note on materials
RoHS-compliant
Product weight
970 g
Dimensions W x L x H
190 mm x 105 mm x 130 mm
7/28/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com