Electronic Components Datasheet Search
  English  ▼

X  

R30US4 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R30US4
Description  Remote I/O R30 Series UNIVERSAL INPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30US4 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R30US4 Datasheet HTML 1Page - M-System Co.,Ltd. R30US4 Datasheet HTML 2Page - M-System Co.,Ltd. R30US4 Datasheet HTML 3Page - M-System Co.,Ltd. R30US4 Datasheet HTML 4Page - M-System Co.,Ltd. R30US4 Datasheet HTML 5Page - M-System Co.,Ltd. R30US4 Datasheet HTML 6Page - M-System Co.,Ltd. R30US4 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: R30US4
R30US4 SPECIFICATIONS
ES-9016 Rev.3 Page 3/7
https://www.m-system.co.jp/
INPUT TYPE, RANGE & CONVERSION ACCURACY
Table 1
INPUT TYPE
INPUT RANGE
CONVERSION ACCURACY
DC Current
-20 – +20 mA DC
±20 μA
DC Voltage
-1000 – +1000 mV DC
When maximum range*
2 is 60 mV or less: ±80 μV
When maximum range*
2 is 120 mV or less: ±150 μV
When maximum range*
2 exceeds 120 mV: ±1 mV
-10 – +10 V DC
±10 mV
Potentiometer*
3
0 – 4000 Ω
Larger value of either ±0.1 Ω or ±0.1 %
Resistor*
3
0 – 4000 Ω
Larger value of either ±0.1 Ω or ±0.1 %
Thermocouple*
3
°C
°F
Usable range
Conv. accuracy *
1
Conformance range
Usable range
Conv. accuracy *
1
Conformance range
(PR)
-50 – +1860
±2.0
0 – 1760
-58 – +3380
±3.6
32 – 3200
K (CA)
-273.2 – +1470
±1.0
-150 – +1370
-460 – +2678
±1.8
-238 – +2498
E (CRC)
-273.2 – +1020
±1.0
-170 – +1000
-460 – +1868
±1.8
-274 – +1832
J (IC)
-273.2 – +1300
±1.0
-180 – +1200
-460 – +2372
±1.8
-292 – +2192
T (CC)
-273.2 – +500
±1.0
-170 – +400
-460 – +932
±1.8
-274 – +752
B (RH)
20 – 1920
±2.0
400 – 1760
68 – 3488
±3.6
752 – 3200
R
-100 – +1860
±2.0
200 – 1760
-148 – +3380
±3.6
392 – 3200
S
-100 – +1860
±2.0
0 – 1760
-148 – +3380
±3.6
32 – 3200
C (WRe 5-26)
-50 – +2420
±2.0
0 – 2315
-58 – +4388
±3.6
32 – 4199
N
-273.2 – +1400
±1.0
-130 – +1300
-460 – +2552
±1.8
-202 – +2372
U
-273.2 – +700
±1.0
-200 – +600
-460 – +1292
±1.8
-328 – +1112
L
-273.2 – +1000
±1.0
-200 – +900
-460 – +1832
±1.8
-328 – +1652
P (Platinel II)
-50 – +1500
±1.0
0 – 1395
-58 – +2732
±1.8
32 – 2543
RTD*
3
°C
°F
Usable range
Conv. accuracy
Conformance range
Usable range
Conv. accuracy
Conformance range
Pt 100 (JIS’97, IEC)
-240 – +950
±1.0
-200 – +850
-400 – +1742
±1.8
-328 – +1562
Pt 500
-240 – +950
±0.5
-200 – +850
-400 – +1742
±0.9
-328 – +1562
Pt 1000
-240 – +950
±0.5
-200 – +850
-400 – +1742
±0.9
-328 – +1562
Pt 50 Ω (JIS’81)
-235 – +750
±2.0
-200 – +649
-391 – +1382
±3.6
-328 – +1200
JPt 100 (JIS’89)
-235 – +610
±1.0
-200 – +510
-391 – +1130
±1.8
-328 – +950
Ni 508.4 Ω
-100 – +330
±0.5
-50 – +200
-148 – +626
±0.9
-58 – +392
Cu 10 @ 25°C
-210 – +350
±3.0
-50 – +250
-346 – +662
±5.4
-58 – +482
*1
. Thermocouple: Cold junction compensation error is not included in above figures. Take it into account when cold junction
compensation is enabled.
*2. Maximum range: Absolute value of 0% or 100% of the input range, whichever is greater.
*3. Burnout indication (potentiometer, resistor, thermocouple or RTD): upscale burnout (32767), downscale burnout (-32768).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com