Electronic Components Datasheet Search
  English  ▼

X  

R30TS4 Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R30TS4
Description  Remote I/O R30 Series THERMOCOUPLE INPUT MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30TS4 Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R30TS4 Datasheet HTML 1Page - M-System Co.,Ltd. R30TS4 Datasheet HTML 2Page - M-System Co.,Ltd. R30TS4 Datasheet HTML 3Page - M-System Co.,Ltd. R30TS4 Datasheet HTML 4Page - M-System Co.,Ltd. R30TS4 Datasheet HTML 5Page - M-System Co.,Ltd. R30TS4 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: R30TS4
R30TS4 SPECIFICATIONS
ES-9002 Rev.4 Page 5/6
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
25[.98]
98[3.86]
20-M3
SCREW
①
③
④
⑫
⑭ ⑤
⑥
⑦
⑧
⑨
⑩
⑮
⑲
⑳
RUN
ERR
⑰
②
11
13
16
18
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
■ Input Connection Example
+INn
+CJn
COMn
T/C
CJC
Sensor
compensating
lead wire
+
-
5
10
14
12
17
15
19
20
1
2
11
+IN1
COM1
3
4
13
+IN2
COM2
+CJ1
+CJ2
6
7
16
+IN3
COM3
8
9
18
+IN4
COM4
+CJ3
+CJ4
INPUT1
INPUT2
INPUT3
INPUT4
INTERNAL POWER
INTERNAL BUS
RUN
indicator
ERR
indicator
Control
Circuit
Input circuit
Input circuit
Input circuit
Input circuit
Comm.
Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com