Electronic Components Datasheet Search
  English  ▼

X  

R30GECT1 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R30GECT1
Description  Remote I/O R30 Series EtherCAT INTERFACE I/O MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30GECT1 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R30GECT1 Datasheet HTML 1Page - M-System Co.,Ltd. R30GECT1 Datasheet HTML 2Page - M-System Co.,Ltd. R30GECT1 Datasheet HTML 3Page - M-System Co.,Ltd. R30GECT1 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: R30GECT1
R30GECT1 SPECIFICATIONS
ES-9029 Rev.3 Page 3/4
https://www.m-system.co.jp/
TRANSMISSION DATA DESCRIPTIONS
Number of transmission data: 4 points (4 words) for input; 4 points (4 words) for output
This unit is equivalent to an analog I/O mixed module (AIO4) of R30 series, and is recognized as an I/O module by network
modules (model: R30NCIE1, etc.).
Host PC/PLC
Input
data
R30PS1
Output
data
R30Nx*
R30GECT1
EtherCAT master
Output data
(Output Area Objects)
Input data
(Input Area Objects)
• DATA FLOW
* R30Nx: R30 Newtork module
■ FLOW OF OUTPUT DATA
[EtherCAT master]—>[R30GECT1]—>[R30 internal bus]
—>[R30 Network module]—>[Host PC/PLC]
Output data (Output Area Objects) from EtherCAT master
is transmitted as Input data to Host PC/PLC.
■ FLOW OF INPUT DATA
[Host PC/PLC]—>[R30 Network module]—>[R30 internal bus]
—>[R30GECT1]—>[EtherCAT master]
Output data from Host PC/PLC is transmitted as Input data
(Input Area Objects) to EtherCAT master.
EXTERNAL DIMENSIONS unit: mm [inch]
25 [.98]
98 [3.86]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com