Electronic Components Datasheet Search
  English  ▼

X  

R30CT4ES Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R30CT4ES
Description  Remote I/O R30 Series AC CURRENT INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30CT4ES Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R30CT4ES Datasheet HTML 1Page - M-System Co.,Ltd. R30CT4ES Datasheet HTML 2Page - M-System Co.,Ltd. R30CT4ES Datasheet HTML 3Page - M-System Co.,Ltd. R30CT4ES Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R30CT4E
R30CT4E SPECIFICATIONS
ES-9018 Rev.3 Page 2/4
https://www.m-system.co.jp/
INPUT SPECIFICATIONS
Module type: Analog input, 4 points
Sensors (Not included in the package)
CLSE-R5: 0 – 5 A
CLSE-05: 0 – 50 A
CLSE-10: 0 – 100 A
CLSE-20: 0 – 200 A
CLSE-40: 0 – 400 A
CLSE-60: 0 – 600 A
Frequency: 50 / 60 Hz common use (45 - 65 Hz)
Operational range: 5 – 115 % of rating
Overload capacity: 120 % of rating (continuous)
Note: Be sure that the input voltage is of 480 V or less.
INSTALLATION
Current consumption: 45 mA max.
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R30BS)
Weight: 160 g (0.35 lb)
PERFORMANCE
Conversion rate / conversion accuracy:
10 ms / ±2.0%, 20 ms / ±1.0%, 40 ms / ±0.5%, 80 ms /
±0.5% (*)
(*) Factory setting
(Conversion accuracy is the value within operational input
range. The sensor accuracy is not included in the
conversion rate)
Input circuit time constant: 300 msec.
Data range: Engineering unit value (A) × 100 (integer)
(For CLSE-R5, engineering unit value (A) × 1000 (integer))
Data allocation: 4
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (input 1 to input
2 to input 3 to input 4 to internal bus or internal power)
1500 V AC @ 1 minute (power input to FE; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
PC CONFIGURATOR
The following parameters can be set with using PC
Configurator Software (model: R30CFG)
Refer to the users manual for the R30CFG for detailed
operation of the software program.
■ CHANNEL INDIVIDUAL SETTING
PARAMETER
SETTING RANGE
DEFAULT
SETTING
Unused setting
CH enabled
CH disabled
CH enabled
Sensor type
CLSE-60
CLSE-40
CLSE-20
CLSE-10
CLSE-05
CLSE-R5
CLSE-60
Fine zero adjustment
-320.00 – +320.00 (%) 0.00 (%)
Fine gain adjustment
-3.2000 – +3.2000
1.0000
Scaled range Zero
0 – 64 000
0
Scaled range Span
0 – 64 000
0
Low-end cutout
0.5 – 50.0 (%)
1.0 (%)
■ CHANNEL BATCH SETTING
PARAMETER
SETTING RANGE
DEFAULT
SETTING
Conversion rate
80 ms
40 ms
20 ms
10 ms
80 ms
Delay at power ON
0.0 – 60.0 sec.
5.0 sec.
Simulate input
Normal input
Simulated data
Normal input



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com