Electronic Components Datasheet Search
  English  ▼

X  

R30BS06/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R30BS06/Q
Description  Remote I/O R30 Series INSTALLATION BASE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30BS06/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R30BS06/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30BS06/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30BS06/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30BS06/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30BS06/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R30BS
R30BS SPECIFICATIONS
ES-9008 Rev.5 Page 4/5
https://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm [inch]
UP
DOWN
■ MOUNTING DIRECTION
Mount the unit vertically as is shown in the figure below. Mounting in other directions may cause heat build-up inside the unit
and lead to shorten its life span or degrade its performance.
■ MOUNTING ON CONTROL PANEL
Secure sufficient ventilation space. Do not mount the unit right above devices
which radiate great heat such as heaters, transformers or resistors.
Maintenance space is also required above and below the unit.
Panel ceiling or wiring conduit (height ≤ 50 mm or 2 in.)
Panel bottom or wiring conduit (height ≤ 50 mm or 2 in.)
50 [2]
50 [2]
Base



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com