Electronic Components Datasheet Search
  English  ▼

X  

MCP6476 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6476
Description  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6476 Datasheet(HTML) 3 Page - Microchip Technology

  MCP6476 Datasheet HTML 1Page - Microchip Technology MCP6476 Datasheet HTML 2Page - Microchip Technology MCP6476 Datasheet HTML 3Page - Microchip Technology MCP6476 Datasheet HTML 4Page - Microchip Technology MCP6476 Datasheet HTML 5Page - Microchip Technology MCP6476 Datasheet HTML 6Page - Microchip Technology MCP6476 Datasheet HTML 7Page - Microchip Technology MCP6476 Datasheet HTML 8Page - Microchip Technology MCP6476 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
 2020-2021 Microchip Technology Inc.
DS20006419B-page 3
MCP6476/6R/6U/7/9
Common-Mode
Common-Mode Input Voltage
Range
VCMR
VSS –0.3
—
VDD +0.3
V
VSS –0.1
—
VDD +0.1
TA= -40°C to +125°C
Common-Mode Rejection Ratio
CMRR
—
90
—
dB
VDD = 5.5V,
VCM = -0.3V to 4.1V
60
76
—
dB
VDD = 5.5V,
VCM = -0.3V to 5.8V
60
76
—
dB
VDD = 1.8V,
VCM = -0.3V to 2.1V
50
76
—
dB
VDD = 5.5V, VCM = -0.3V
to 5.8V (
MCP6476/6R/6U)
50
76
—
dB
VDD = 1.8V, VCM = -0.3V
to 2.1V (
MCP6476/6R/6U)
Open-Loop Gain
DC Open-Loop Gain
(Large Signal)
AOL
105
126
—
dB
0.2 < VOUT < (VDD – 0.2V)
Output
High-Level Output Voltage
VOH
VDD –10
VDD –6
—
mV
VDD = 5.5V, RL =10k
VDD –90 VDD –54
—
VDD = 5.5V, RL =1k
Low-Level Output Voltage
VOL
—VSS +6
VSS +10
VDD = 5.5V, RL =10k
—VSS +54 VSS +90
VDD = 5.5V, RL =1k
Output Short-Circuit Current
ISC
—±6—
mA
VDD = 1.8V
—±30
—
mA
VDD = 5.5V
Power Supply
Supply Voltage
VDD
1.8
—
5.5
V
Quiescent Current per Amplifier
IQ
—
140
170
µA
IO = 0
Start-up Time
tstart
—6—
µs
VDD = 0V to 5.5V
Crosstalk
—
135
—
dB
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS = GND,
VCM =VDD/4, VOUT =VDD/2, VL =VDD/2, RL = 10 k to VL and CL = 30 pF.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
—
3
—
MHz
Phase Margin
PM
—
65
—
°
G = +1 V/V
Slew Rate
SR
—
3.2
—
V/µs
VDD = 5.5V
Settling Time
ts
—
1.36
—
µs
To 0.1%, VDD = 5V,
2V step, G = +1
—
1.63
—
To 0.01%, VDD = 5V,
2V step, G = +1
Total Harmonic Distortion + Noise
THD+N
—
0.0015
—
%
VDD = 5V, Vo = 1 VRMS,
G = +1, f = 1 kHz,
80 kHz measurement BW
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS= GND, VCM =VDD/4,
VOUT =VDD/2, VL =VDD/2, RL = 10 k to VL and CL = 30 pF.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com