Electronic Components Datasheet Search
  English  ▼

X  

MCP6476R Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6476R
Description  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6476R Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6476R Datasheet HTML 6Page - Microchip Technology MCP6476R Datasheet HTML 7Page - Microchip Technology MCP6476R Datasheet HTML 8Page - Microchip Technology MCP6476R Datasheet HTML 9Page - Microchip Technology MCP6476R Datasheet HTML 10Page - Microchip Technology MCP6476R Datasheet HTML 11Page - Microchip Technology MCP6476R Datasheet HTML 12Page - Microchip Technology MCP6476R Datasheet HTML 13Page - Microchip Technology MCP6476R Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
MCP6476/6R/6U/7/9
DS20006419B-page 10
 2020-2021 Microchip Technology Inc.
Note: Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/4, VOUT =VDD/2,
VL =VDD/2, RL = 10 k to VL and CL = 30 pF.
2.4
Input Noise
FIGURE 2-27:
Input Noise Voltage Density
vs. Common-Mode Voltage.
FIGURE 2-28:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-29:
0.1 Hz to 10 Hz Voltage
Noise.
FIGURE 2-30:
THD + N vs. Frequency.
FIGURE 2-31:
THD + N vs. Amplitude.
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Common Mode Input Voltage (V)
V
DD = 5.5V
V
DD = 1.8V
f = 10 kHz
1
10
100
1000
10000
1.E-1
1.E+0
1.E+1
1.E+2
1.E+3
1.E+4
1.E+5
Frequency (Hz)
0.1
1
10
100
1k
10k
100k
10n
100n
1μ
1n
10μ
-110
-100
-90
-80
-70
-60
-50
100
1000
10000
Frequency (Hz)
1k
10k
V
DD = 5.5V
V
CM = 2.5V
G = 1
BW = 80 kHz
V
OUT = 0.5VRMS
R
L = 2 kΩ
R
L = 10 kΩ
-110
-90
-70
-50
-30
-10
0.001
0.01
0.1
1
Amplitude (V
RMS)
V
DD = 5.5V
V
CM = 2.5V
G = 1
BW = 80 kHz
f = 1 kHz
G = -1, R
L = 10 kΩ
G = +1, R
L = 10 kΩ
G = -1, R
L = 2 kΩ
G = +1, R
L = 2 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com