Electronic Components Datasheet Search
  English  ▼

X  

MCP6479 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP6479
Description  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6479 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP6479 Datasheet HTML 2Page - Microchip Technology MCP6479 Datasheet HTML 3Page - Microchip Technology MCP6479 Datasheet HTML 4Page - Microchip Technology MCP6479 Datasheet HTML 5Page - Microchip Technology MCP6479 Datasheet HTML 6Page - Microchip Technology MCP6479 Datasheet HTML 7Page - Microchip Technology MCP6479 Datasheet HTML 8Page - Microchip Technology MCP6479 Datasheet HTML 9Page - Microchip Technology MCP6479 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
MCP6476/6R/6U/7/9
DS20006419B-page 6
 2020-2021 Microchip Technology Inc.
Note: Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/4, VOUT =VDD/2,
VL =VDD/2, RL = 10 k to VL and CL = 30 pF.
FIGURE 2-7:
Input Bias, Offset Current
vs. Common-Mode Voltage.
FIGURE 2-8:
Input Bias Current vs.
Common-Mode Input Voltage.
FIGURE 2-9:
CMRR, PSRR vs. Ambient
Temperature.
FIGURE 2-10:
DC Open-Loop Gain vs.
Ambient Temperature.
FIGURE 2-11:
Measured Input Current vs.
Input Voltage (below VSS).
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Input Common Mode Voltage (V)
V
DD = 5.5V
I
B+
I
OS
I
B-
-200
-100
0
100
200
300
400
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Input Common Mode Voltage (V)
V
DD = 5.5V
T
A = +125°C
T
A = +85°C
70
75
80
85
90
95
100
105
110
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
PSRR
CMRR (V
CM = -0.1V to +5.6V)
V
DD = +5.5V
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
DD = 1.8V
V
DD = 5.5V
1E-11
1E-10
1E-09
1E-08
0.0000001
0.000001
0.00001
0.0001
0.001
-1
-0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1
0
V
IN (V)
1m
100μ
10μ
1μ
100n
10n
100p
1n
10p
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A =-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com