Electronic Components Datasheet Search
  English  ▼

X  

MCP6477 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP6477
Description  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6477 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP6477 Datasheet HTML 31Page - Microchip Technology MCP6477 Datasheet HTML 32Page - Microchip Technology MCP6477 Datasheet HTML 33Page - Microchip Technology MCP6477 Datasheet HTML 34Page - Microchip Technology MCP6477 Datasheet HTML 35Page - Microchip Technology MCP6477 Datasheet HTML 36Page - Microchip Technology MCP6477 Datasheet HTML 37Page - Microchip Technology MCP6477 Datasheet HTML 38Page - Microchip Technology MCP6477 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
 2020-2021 Microchip Technology Inc.
DS20006419B-page 35
MCP6476/6R/6U/7/9
Microchip Technology Drawing No. C04-065-SL Rev D Sheet 1 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
14-Lead Plastic Small Outline (SL) - Narrow, 3.90 mm Body [SOIC]
0.20 C
0.25
C A–B D
12
N
2X N/2 TIPS
TOP VIEW
SIDE VIEW
VIEW A–A
A
e
B
E
D
E
2
D
E1
E2
2
NX b
A1
A2
A
C
SEATING
PLANE
0.10 C
14X
0.10 C A–B
0.10 C D
c
h
h
H
SEE VIEW C
(L1)
L
R0.13
R0.13
VIEW C
NOTE 1
3
0.10 C
NOTE 5
NOTE 5
2X
2X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com