Electronic Components Datasheet Search
  English  ▼

X  

8047621 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8047621
Description  Quarter turn actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8047621 Datasheet(HTML) 1 Page - Festo Corporation.

  8047621 Datasheet HTML 1Page - Festo Corporation. 8047621 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quarter turn actuator
DFPD-20-RP-90-RS30-F04
Part number: 8047621
Data sheet
Feature
Value
Size of valve actuator
20
Flange hole pattern
F04
Swivel angle
90 deg
End-position adjusting range at 0°
-5 deg ... 5 deg
End-position adjusting range at nominal swivel angle
-5 deg ... 5 deg
Depth shaft connection
12 mm
Type code
DFPD
Standard connection for valve
ISO 5211
Mounting position
Any
Mode of operation
Single-acting
Design
Gear rack/pinion
Closing direction
Clockwise closing
Symbol
00991266
Valve connection conforms to standard
VDI/VDE 3845 (NAMUR)
Connection for valve positioner and position sensor conforms to
standard
VDI/VDE 3845 size AA 1
Devices type according to VDMA 66413
Safety device
Safety function
The fundamental safety function is that the control valve moves to the
switching position when the compressed air is turned off. It is reset by
spring force.
Safety integrity level (SIL)
Up to SIL 2 low demand mode
up to SIL 3 in a redundant architecture
up to SIL 1 high demand mode
Certified for safety function to ISO 13849 and IEC 61508 (SIL)
Product can be used in safety-related parts of control systems up to SIL
2, low demand
Product can be used in safety-related parts of control systems up to SIL
1, high demand
up to SIL 3 in a redundant architecture
Operating pressure
0.2 MPa ... 0.8 MPa
Operating pressure
2 bar ... 8 bar
Operating pressure
29 psi ... 116 psi
Nominal operating pressure
0.3 MPa
Nominal operating pressure
3 bar
Nominal operating pressure
43.5 psi
Maritime classification
See certificate
CE marking (see declaration of conformity)
as per EU explosion protection directive (ATEX)
7/29/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8047621

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8047620 FESTO-8047620 Datasheet
94Kb / 2P
Quarter turn actuator
8047622 FESTO-8047622 Datasheet
95Kb / 2P
Quarter turn actuator
8047623 FESTO-8047623 Datasheet
95Kb / 2P
Quarter turn actuator
8047624 FESTO-8047624 Datasheet
95Kb / 2P
Quarter turn actuator
8047625 FESTO-8047625 Datasheet
96Kb / 2P
Quarter turn actuator
More results

Similar Description - 8047621

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8005039 FESTO-8005039 Datasheet
108Kb / 2P
Quarter turn actuator
8005040 FESTO-8005040 Datasheet
108Kb / 2P
Quarter turn actuator
8005050 FESTO-8005050 Datasheet
109Kb / 2P
Quarter turn actuator
8005053 FESTO-8005053 Datasheet
109Kb / 2P
Quarter turn actuator
8005061 FESTO-8005061 Datasheet
105Kb / 2P
Quarter turn actuator
8005063 FESTO-8005063 Datasheet
106Kb / 2P
Quarter turn actuator
8005064 FESTO-8005064 Datasheet
105Kb / 2P
Quarter turn actuator
8005066 FESTO-8005066 Datasheet
105Kb / 2P
Quarter turn actuator
8005072 FESTO-8005072 Datasheet
105Kb / 2P
Quarter turn actuator
8030606 FESTO-8030606 Datasheet
95Kb / 2P
Quarter turn actuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com