Electronic Components Datasheet Search
  English  ▼

X  

WSBS5216 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSBS5216
Description  Power Metal Strip® Battery Shunt Resistor, Very Low Value (100 μΩ)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSBS5216 Datasheet(HTML) 2 Page - Vishay Siliconix

  WSBS5216 Datasheet HTML 1Page - Vishay Siliconix WSBS5216 Datasheet HTML 2Page - Vishay Siliconix WSBS5216 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WSBS5216
www.vishay.com
Vishay Dale
Revision: 02-Jun-2021
2
Document Number: 30383
For technical questions, contact: ww2cresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
DERATING
0.094 (2.4) Ref.
0.281 (7.5) Ref.
0.118 ± 0.002 (3.0 ± 0.5)
1.327 ± 0.008 (33.7 ± 0.15)
0.118 ± 0.008 (3 ± 0.15) x 45°
Calibration notch
0.00 to 0.160 deep
0.078 (2.0) R
Calibration notch
2.047 ± 0.012 (52.0 ± 0.3)
0.630 ± 0.008
(16.0 ± 0.15)
Ø 0.260 ± 0.006 (Ø 6.6 ± 0.1) (2)
0.0394 ± 0.008 (1 ± 0.15) x 45° (3)
70
120
100
80
60
40
20
0
175
150
125
100
75
50
25
0
- 25
- 50
- 65
Ambient Temperature in °C
TOLERANCES ON DECIMALS
XXX ± 0.005
UNLESS OTHERWISE LISTED
RESISTANCE
VALUE (μΩ)
ELEMENT
MATERIAL
100
Mn-Cu
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal shock
-55 °C to +150 °C, 1000 cycles, 15 min at each extreme
± 0.5 %
ΔR
Short time overload
5 x rated power for 5 s
± 0.5 %
ΔR
Low temperature storage
-65 °C for 24 h
± 0.5 %
ΔR
High temperature exposure
1000 h at +170 °C
± 1.0 %
ΔR
Bias humidity
+85 °C, 85 % RH, 10 % bias, 1000 h
± 0.5 %
ΔR
Mechanical shock
100 g’s for 6 ms, 5 pulses
± 0.5 %
ΔR
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h
± 0.5 %
ΔR
Load life
1000 h at +70 °C, 1.5 h “ON”, 0.5 h “OFF”
± 1.0 %
ΔR
Moisture resistance
MIL-STD-202, method 106, 0 % power, 7b not required
± 0.5 %
ΔR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com