Electronic Components Datasheet Search
  English  ▼

X  

EDSTRG64SDIL Datasheet(PDF) 16 Page - Texas Instruments

Part # EDSTRG64SDIL
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG64SDIL Datasheet(HTML) 16 Page - Texas Instruments

Back Button EDSTRG64SDIL Datasheet HTML 12Page - Texas Instruments EDSTRG64SDIL Datasheet HTML 13Page - Texas Instruments EDSTRG64SDIL Datasheet HTML 14Page - Texas Instruments EDSTRG64SDIL Datasheet HTML 15Page - Texas Instruments EDSTRG64SDIL Datasheet HTML 16Page - Texas Instruments EDSTRG64SDIL Datasheet HTML 17Page - Texas Instruments EDSTRG64SDIL Datasheet HTML 18Page - Texas Instruments EDSTRG64SDIL Datasheet HTML 19Page - Texas Instruments EDSTRG64SDIL Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
TMS370 MAJOR COMPONENTS ARCHITECTURE
1–8
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
program memory (ROM/EPROM)
The program memory provides alternatives to meet the needs of different applications. The program memory
modules presently contain 2K, 4K, 8K, 16K, 24K
, 32K, or 48K bytes of memory. The program memory in
TMS370C6xx, SE370C6xx, TMS370C7xx, and SE370C7xx devices is EPROM. EPROM devices in a
windowed ceramic package can be programmed, erased, and reprogrammed for prototyping. EPROM devices
in a non-windowed plastic package are one-time programmable (OTP) devices that are used for small
production runs. In the TMS370C0xx, TMS370C3xx, and TMS370C4xx devices, the program memory is
mask-ROM that is programmed at the factory. ROM devices are appropriate for large-volume production.
input/output ports
The TMS370 family of devices has a varying number of I/O ports that have various port widths. Table 3 lists the
available I/O port widths, by the number of bits, for each of the TMS370 subfamilies.
Table 3. Bits Per Port for TMS370 Devices
SUBFAMILIES†
BITS FOR PORTS A – H
SUBFAMILIES†
A
B
C
D
G
H
’x0x, ’x1x
8
5
’x2x
8
8
1
5
’x32
8
4
’x36
8
5
’x4x
8
3
5
’x5x – (64 pins)
8‡
8‡
8‡
6‡
’x5x – (68 pins)
8‡
8‡
8‡
8‡
’x6x
8‡
8‡
8‡
5‡
’x7x – (64 pins)
8
8
8
6
6
’x7x – (68 pins)
8
8
8
8
6
’x8x – (40 pins)
8
8
6
5
’x8x – (44 pins)
8
8
8
5
’x9x
8
5
’xAx
8
8
1
5
’xBx – (64 pins)
8
8
8
6
8
1
’xBx – (68 pins)
8
8
8
8
8
1
’xCx
8
4
† For all subfamilies, the ports for these microcontrollers can be programmed, bit by bit, to function as either digital
input or digital output.
‡ These ports can be configured by the software as the data, control, and address buses for external memory. Any
bits not needed for external memory can be programmed to be either digital input or digital output.
timer 1
Timer 1 is a 16-bit timer that can be configured in the following ways:
D A programmable 8-bit prescaler (provides a 24-bit real-time timer) that determines the independent clock
sources for the general-purpose timer and the watchdog (WD) timer
D A 16-bit event timer to keep a cumulative total of the transitions
D A 16-bit pulse accumulator to measure the pulse-input width
D A 16-bit input-capture function that latches the counter value on the occurrence of an external input
D Two 16-bit compare registers that trigger when the counter matches the contents of a compare register
D A self-contained pulse-width modulated (PWM) output control function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com