Electronic Components Datasheet Search
  English  ▼

X  

EDSTRG40DILAX Datasheet(PDF) 15 Page - Texas Instruments

Part # EDSTRG40DILAX
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG40DILAX Datasheet(HTML) 15 Page - Texas Instruments

Back Button EDSTRG40DILAX Datasheet HTML 11Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 12Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 13Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 14Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 15Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 16Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 17Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 18Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
TMS370 MAJOR COMPONENTS ARCHITECTURE
1–7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
key features (continued)
D Memory-mapped ports for easy addressing
D An optimizing C compiler that translates ANSI C programs into TMS370 assembly language source
D A high-level language debugger that lets the user refine and correct code
D A modular library for quickly changing the device configurations
D 18 addressing modes that use eight formats, including:
–
Implied
–
Register-to-register arithmetic
–
Indirect addressing
–
Indexed and indirect branches and calls
–
PC relative
D 250-mA typical latch-up immunity at 25°C
D Electrostatic discharge (ESD) protection that exceeds 2,000 V per MIL-STD-883C method 3015, making
the TMS370 families Class 2 ESD-sensitive devices
TMS370 major components architecture
In addition to the features listed in the key features section, the TMS370 family members have the following
architectural features. Not all features (key or architectural) are applicable to all devices. The selection reference
guide (see Table 4) summarizes the following features and identifies the applicable devices associated with
those features.
CPU
The TMS370 8-bit CPU has a status register, program-counter register, and stack pointer. The CPU uses the
register file as working registers that are accessed on the internal bus in one bus cycle. The 8-bit internal bus
also allows access to memory and to the peripheral interfaces. TMS370Cx5x and TMS370Cx6x devices all
allow external memory expansion through ports A, B, C, and D.
register file (RF)
The register file is located at the beginning of the TMS370 memory map. Register-access instructions in the
TMS370 instruction set allow access to any of the first 256 registers (if available) in one bus cycle. This segment
of the memory map is used as general-purpose RAM and as the stack.
RAM
RAM modules, other than those contained in the register file, are mapped after the register file. The TMS370
accesses this RAM in two cycles.
data EEPROM
With the exception of the TMS370CxAx and TMS370CxCx device groups, certain devices in the TMS370 family
have EEPROM.The data EEPROM modules provide in-circuit programmability and data retention in power-off
mode. The modules contain 256 or 512 bytes of EEPROM. This memory is useful for storing constants and
infrequently changed variables that are required by the application program. The EEPROM can be programmed
and erased by using available EEPROM programmers or by the TMS370 device under program control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com