Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCAG4A Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PIMXRT406LCAG4A
Description  i.MX RT1020 Crossover Processors for Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCAG4A Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PIMXRT406LCAG4A Datasheet HTML 45Page - NXP Semiconductors PIMXRT406LCAG4A Datasheet HTML 46Page - NXP Semiconductors PIMXRT406LCAG4A Datasheet HTML 47Page - NXP Semiconductors PIMXRT406LCAG4A Datasheet HTML 48Page - NXP Semiconductors PIMXRT406LCAG4A Datasheet HTML 49Page - NXP Semiconductors PIMXRT406LCAG4A Datasheet HTML 50Page - NXP Semiconductors PIMXRT406LCAG4A Datasheet HTML 51Page - NXP Semiconductors PIMXRT406LCAG4A Datasheet HTML 52Page - NXP Semiconductors PIMXRT406LCAG4A Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
Electrical characteristics
i.MX RT1020 Crossover Processors for Industrial Products, Rev. 2, 03/2021
NXP Semiconductors
49
NOTE
T
CSS and TCSH are configured by the FlexSPIn_FLSHAxCR1
register, the default values are shown above. Please refer to the i.MX
RT1020 Reference Manual (IMXRT1020RM) for more details.
Figure 25. FlexSPI output timing in SDR mode
4.5.2.2.2
DDR mode
NOTE
T
CSS and TCSH are configured by the FlexSPIn_FLSHAxCR1
register, the default values are shown above. Please refer to the i.MX
RT1020 Reference Manual (IMXRT1020RM) for more details.
TCSS
Chip select output setup time
3 x TCK -1
—
ns
TCSH
Chip select output hold time
3 x TCK + 2
—
ns
1 The actual maximum frequency supported is limited by the FlexSPIn_MCR0[RXCLKSRC] configuration used. Please refer to the FlexSPI SDR input timing
specifications.
Table 45. FlexSPI output timing in DDR mode
Symbol
Parameter
Min
Max
Unit
—
Frequency of operation1
1 The actual maximum frequency supported is limited by the FlexSPIn_MCR0[RXCLKSRC] configuration used. Please refer to the FlexSPI SDR input timing
specifications.
—166
MHz
Tck
SCK clock period (FlexSPIn_MCR0[RXCLKSRC] = 0x0)
6.0
—
ns
TDVO
Output data valid time
—
2.2
ns
TDHO
Output data hold time
0.8
—
ns
TCSS
Chip select output setup time
3 x TCK / 2 - 0.7
—
ns
TCSH
Chip select output hold time
3 x TCK / 2 + 0.8
—
ns
Table 44. FlexSPI output timing in SDR mode (continued)
Symbol
Parameter
Min
Max
Unit
T CSS
T CK
TCSH
TDVO
TDHO
TDVO
TDHO
SCK
CS
SIO[0:7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com