Electronic Components Datasheet Search
  English  ▼

X  

HMC577LC4B Datasheet(PDF) 1 Page - Analog Devices

Part # HMC577LC4B
Description  SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC577LC4B Datasheet(HTML) 1 Page - Analog Devices

  HMC577LC4B Datasheet HTML 1Page - Analog Devices HMC577LC4B Datasheet HTML 2Page - Analog Devices HMC577LC4B Datasheet HTML 3Page - Analog Devices HMC577LC4B Datasheet HTML 4Page - Analog Devices HMC577LC4B Datasheet HTML 5Page - Analog Devices HMC577LC4B Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC577LC4B
v03.0514
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 27 - 31 GHz OUTPUT
General Description
Features
Functional Diagram
Electrical Specifications, T
A = +25° C, Vdd = +5V, 5 dBm Drive Level
Typical Applications
The HMC577LC4B is suitable for:
• Clock Generation Applications:
SONET OC-192 & SDH STM-64
• Point-to-Point & VSAT Radios
• Test Instrumentation
• Military & Space
The HMC577LC4B is a x2 active broadband frequ-
ency multiplier utilizing GaAs PHEMT technology in a
leadless RoHS compliant SMT package. When driven
by a +5 dBm signal, the multiplier provides +20 dBm
typical output power from 27 to 31 GHz. The Fo and
3Fo isolations are >55 dBc at 29 GHz. The
HMC577LC4B is ideal for use in LO multiplier chains
for Pt-to-Pt & VSAT Radios yielding reduced parts
count vs. traditional approaches. The low additive
SSB Phase Noise of -128 dBc/Hz at 100 kHz offset
helps maintain good system noise performance. The
RoHS packaged HMC577LC4B eliminates the need
for wire bonding, and allows the use of surface mount
manufacturing techniques.
Very High Output Power: +20 dBm
Low Input Power Drive: -2 to +6 dBm
Very High Fo, 3Fo Isolation:
>55 dBc @ Fout= 29 GHz
100 KHz SSB Phase Noise: -128 dBc/Hz
Single Supply: +5V @ 213 mA
24 Lead 4x4mm QFN Package: 16mm²
Parameter
Min.
Typ.
Max.
Units
Frequency Range, Input
13.5 - 15.5
GHz
Frequency Range, Output
27 - 31
GHz
Output Power
15
20
dBm
Fo Isolation (with respect to output level)
60
dBc
3Fo Isolation (with respect to output level)
55
dBc
Input Return Loss
20
dB
Output Return Loss
7
dB
SSB Phase Noise (100 kHz Offset)
-128
dBc/Hz
Supply Current (Idd)
213
mA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC577LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC577LC4B HITTITE-HMC577LC4B Datasheet
261Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
HMC577LC4B HITTITE-HMC577LC4B Datasheet
193Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
HMC577LC4B HITTITE-HMC577LC4B_09 Datasheet
193Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
More results

Similar Description - HMC577LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC449 HITTITE-HMC449 Datasheet
228Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 33 GHz OUTPUT
HMC448LC3B HITTITE-HMC448LC3B Datasheet
306Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 20 - 25 GHz OUTPUT
HMC449LC3B HITTITE-HMC449LC3B Datasheet
305Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
HMC575LP4 HITTITE-HMC575LP4 Datasheet
253Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC577LC4B HITTITE-HMC577LC4B Datasheet
261Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
HMC449 HITTITE-HMC449_07 Datasheet
257Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 33 GHz OUTPUT
HMC942LP4E HITTITE-HMC942LP4E Datasheet
581Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 25 - 31 GHz OUTPUT
HMC449 HITTITE-HMC449_09 Datasheet
241Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 33 GHz OUTPUT
HMC449LC3B HITTITE-HMC449LC3B_09 Datasheet
220Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
HMC577LC4B HITTITE-HMC577LC4B_09 Datasheet
193Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 31 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com