Electronic Components Datasheet Search
  English  ▼

X  

CSA1162 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSA1162
Description  LOW FREQUENCY GENERAL PURPOSE AMPLIFIER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA1162 Datasheet(HTML) 2 Page - Continental Device India Limited

  CSA1162 Datasheet HTML 1Page - Continental Device India Limited CSA1162 Datasheet HTML 2Page - Continental Device India Limited CSA1162 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 2
Total power dissipation at Tamb = 25°C
Ptot
max.
150 mW
Storage temperature
Tstg
–50 to +150 ° C
Junction temperature
Tj
max.
150 ° C
CHARACTERISTICS (at TA = 25°C unless otherwise specified)
Collector-emitter breakdown voltage
–IC = 1 mA; IB = 0
–V(BR)CEO min
50 V
Collector cut-off current
–VCB = 50 V; IE = 0
–ICBO
max.
100 nA
Emitter cut-off current
VEB = 5 V; IC = 0
IEBO
max.
100 nA
Saturation voltage
–IC = 100 mA; –IB = 10 mA
–VCEsat
max.
0.3 V
D.C. current gain
IC = 2 mA; –VCE = 6 V
hFE
min.
70
max.
400
Y
min.
120
max.
240
GR(G)
min.
200
max.
400
Transition frequency
VCE = 10 V; IC = 1 mA
fT
min.
80 MHz
Collector output capacitance
VCB = 10 V; IE = 0; f = 1 MHz
Cob
max.
7 pF
Noise figure
VCE = 6 V; IC = 0.1 mA
f = 1 kHz; Rg = 10 kW
NF
max.
10 dB
CSA1162



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com