Electronic Components Datasheet Search
  English  ▼

X  

RF1301 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RF1301
Description  499.250 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF1301 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RF1301 Datasheet HTML 1Page - RF Monolithics, Inc RF1301 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
499.250 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RF1301-062702
Absolute Maximum Ratings
Typical Filter Response
Typical filter responses are shown below. Illustrated frequencies and mini-
mum rejection for LO and IMAGE are shown only for superhet receivers
with 10.7 MHz IF.
Electrical Connections
Typical Test Circuit
Case Design
Rating
Value
Units
Incident RF Power
+13
dBm
DC Voltage Between Any Two Pins (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
LO
0
-10
-20
-30
-40
-50
-60
-70
-80
5 MHz/div
Frequency
Image
Bottom View
Pin 1
Pin 2
Pin 3
Pin
Connection
1
Input or Output
2
Output or Input
3
Case Ground
L
C
C
L
2
3
1
From 50
Network
Analyzer
Ω
To 50
Ω
Network
Analyzer
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
9.40
0.370
B
3.18
0.125
C
2.50
3.50
0.098
0.138
D
0.46 Nominal
0.018 Nominal
E
5.08 Nominal
0.200 Nominal
F
2.54 Nominal
0.100 Nominal
G
2.54 Nominal
0.100 Nominal
H
1.02
0.040
J
1.40
0.055
0
dB
-1
-2
-3
-4
-5
-6
-7
-8
150 KHz/div
Frequency
Min 3dB
Passband
at 25 C
o
B
45°
J
(2 places)
D
(3 places)
H
G
E
F
C
A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com