Electronic Components Datasheet Search
  English  ▼

X  

K2129 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # K2129
Description  Silicon N-Channel Power F-MOS FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

K2129 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  K2129 Datasheet HTML 1Page - Panasonic Semiconductor K2129 Datasheet HTML 2Page - Panasonic Semiconductor K2129 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power F-MOS FETs
2SK2129
Area of safe operation (ASO)
PD  Ta
EAS
 T
j
ID  VDS
ID  VGS
Vth  TC
VDS  VGS
RDS(on)  ID
| Yfs |  ID
1
10
100
1000
0.01
0.1
1
10
100
Non repetitive pulse
T
C=25˚C
t=100
µs
10ms
1ms
DC
I
DP
I
D
Drain to source voltage V
DS
(V)
020
40
60
80 100 120 140 160
0
10
20
30
40
50
60
(1) T
C=Ta
(2) Without heat sink
(P
D=2W)
(1)
(2)
Ambient temperature Ta (˚C)
25
50
75
100
125
150
175
0
5
10
15
20
25
30
V
DD=50V
I
D=3A
Junction temperature T
j
(˚C)
0
1020304050
60
0
1
2
3
4
V
GS=15V
10V
6V
5.5V
50W
4.5V
5V
4V
T
C=25˚C
Drain to source voltage V
DS
(V)
012
10
8
26
4
0
1
2
3
4
5
T
C=0˚C
150˚C
100˚C
25˚C
V
DS=25V
Gate to source voltage V
GS
(V)
0
25
50
75
100
125
150
0
1
2
3
4
5
6
V
DS=25V
I
D=1mA
Case temperature T
C
(˚C)
0
5
10
15
20
25
30
0
20
40
60
80
10
30
50
70
I
D=6A
1.5A
3A
T
C=25˚C
Gate to source voltage V
GS
(V)
01
2
3
45
0
12
10
8
6
4
2
V
GS=10V
T
C=150˚C
100˚C
25˚C
0˚C
Drain current I
D
(A)
01
2
3
45
0
0.5
1.0
1.5
2.0
2.5
3.0
V
DS=25V
T
C=25˚C
Drain current I
D
(A)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com