Electronic Components Datasheet Search
  English  ▼

X  

RF1304 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RF1304
Description  391.250 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF1304 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RF1304 Datasheet HTML 1Page - RF Monolithics, Inc RF1304 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RF1304-062702
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Nominal Frequency
fC
2, 4, 5, 6
391.250
MHz
Insertion Loss
IL
3, 4, 7
4.0
dB
4 dB Passband
BW3
2, 3, 4, 7
±30
kHz
3 dB Reject Band
BW3
2, 3, 4, 7
kHz
Rejection
at fC ±1.50 MHz
4
10
dB
at fC ±6.0 MHz
25
at fC ±50 MHz
Temperature
Operating Case Temperature
TC
3, 7, 8
-40
+85
°C
Turnover Temperature
TO
15
25
40
°C
Turnover Frequency
fO
fC
MHz
Frequency Temperature Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
IfAI
3
10
ppm/yr
External Impedance
Series Inductance
L
1, 7
22
nH
Shunt Capacitance
C
5-18
pF
Lid Symbolization (in addition to Lot and/or Date Codes)
RFM RF1304
TO39-3 Case
•
Ideal Front-End Filter for European Wireless Receivers
•
Low-Loss, Coupled-Resonator Quartz Design
•
Simple External Impedance Matching
•
Rugged TO39 Hermetic Package
•
Complies with Directive 2002/95/EC (RoHS)
The RF1304 is a low-loss, compact and economical surface-acoustic-wave (SAW) filter designed to provide
front-end selectivity in 391.250 MHz receivers. Typical applications of these FSK receivers are wireless
remote-control and security devices operating in Europe.
RFM’s advanced SAW design and fabrication technology is utilized to achieve high performance and very low
loss with simple external impedance matching (not included). Quartz construction provides excellent frequen-
cy stability over a wide temperature range.
391.250 MHz
SAW Filter
RF1304
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1. Typical test circuit is shown for TO-39 RF filters.
2. Passband and reject bands are specified in reference to fC.
3. All characteristics are specified over the operating temperature range and typical aging for 10 years.
4. Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture. Note that insertion loss, bandwidth, and pass-
band shape are dependent on the impedance matching component values and quality. Demonstration circuits are available for confirmation of device
performance.
5. One or more of the following U.S. Patents apply: 4,454,488; 4,616,197; and other pending.
6. All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.
7. The design, manufacturing process, and specifications of this device are subject to change without notice.
8. The turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fo. The nominal frequency at any case temperature, TC, out-
side the operating temperature range may be calculated from: f= fo [1- FTC (TO - TC)
2].
Pb


Similar Part No. - RF1304

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1301 RFM-RF1301 Datasheet
156Kb / 2P
499.250 MHz SAW Filter
RF1302 RFM-RF1302 Datasheet
156Kb / 2P
439.250 MHz SAW Filter
logo
Adam Technologies, Inc.
RF130D0050 ADAM-TECH-RF130D0050 Datasheet
154Kb / 1P
RF CONNECTORS
RF130D0075 ADAM-TECH-RF130D0075 Datasheet
154Kb / 1P
RF CONNECTORS
RF130DAS50 ADAM-TECH-RF130DAS50 Datasheet
154Kb / 1P
RF CONNECTORS
More results

Similar Description - RF1304

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
B7738 EPCOS-B7738 Datasheet
93Kb / 8P
SAW filter 719.0 MHz
B9408 EPCOS-B9408 Datasheet
80Kb / 8P
SAW Filter 2140.0 MHz
B9410 EPCOS-B9410 Datasheet
102Kb / 8P
SAW filter 2441.75 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com