Electronic Components Datasheet Search
  English  ▼

X  

AM6548 Datasheet(PDF) 247 Page - Texas Instruments

Part # AM6548
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548 Datasheet(HTML) 247 Page - Texas Instruments

Back Button AM6548_V02 Datasheet HTML 243Page - Texas Instruments AM6548_V02 Datasheet HTML 244Page - Texas Instruments AM6548_V02 Datasheet HTML 245Page - Texas Instruments AM6548_V02 Datasheet HTML 246Page - Texas Instruments AM6548_V02 Datasheet HTML 247Page - Texas Instruments AM6548_V02 Datasheet HTML 248Page - Texas Instruments AM6548_V02 Datasheet HTML 249Page - Texas Instruments AM6548_V02 Datasheet HTML 250Page - Texas Instruments AM6548_V02 Datasheet HTML 251Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 282 page
background image
8 Detailed Description
8.1 Overview
AM654x and AM652x Sitara™ processors are Arm applications processors built to meet the complex processing
needs of modern industry 4.0 embedded products.
The AM654x and AM652x devices combine four or two Arm Cortex-A53 cores with a dual Cortex-R5F MCU
subsystem which includes features intended to help customers achieve their functional safety goals for their end
products and three Gigabit industrial communications subsystems (PRU_ICSSG) to create a SoC capable of
high-performance industrial controls with industrial connectivity and processing for functional safety applications.
AM65xx is currently undergoing assessment to be certified by TÜV SÜD according to IEC 61508.
The four A53 cores are arranged in two dual-core clusters with shared L2 memory to create two processing
channels. Extensive ECC is included on on-chip memory, peripherals, and interconnect for reliability. The SoC
as a whole includes features intended to help customers design systems that can achieve their functional
safety goals (assessment pending with TÜV SÜD). Cryptographic acceleration and secure boot are available on
AM654x and AM652x devices in addition to granular firewalls managed by the DMSC.
Programmability is provided by the quad-core Arm Cortex-A53 RISC CPUs with Neon extension, and the dual
Cortex-R5F MCU subsystem is available for general purpose use as two cores or it can be used in lockstep to
help meet the needs of functional safety applications. The PRU_ICSSG subsystems can be used to provide up
to six ports of industrial Ethernet such as Profinet IRT, TSN, or EtherCAT® (among many others), or they can be
used for standard Gigabit Ethernet connectivity.
TI provides a complete set of software and development tools for the Arm cores including Processor SDK
Linux, Linux-RT, RTOS, and Android as well as C compilers and a debugging interface for visibility into source
code execution. Applicable safety documentation will be made available to assist customers in developing their
functional safety related systems.
Note
For more information on features, subsystems, and architecture of superset device System on Chip
(SoC), see the device TRM.
www.ti.com
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
247
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com