Electronic Components Datasheet Search
  English  ▼

X  

AM6548 Datasheet(PDF) 250 Page - Texas Instruments

Part # AM6548
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548 Datasheet(HTML) 250 Page - Texas Instruments

Back Button AM6548_V02 Datasheet HTML 246Page - Texas Instruments AM6548_V02 Datasheet HTML 247Page - Texas Instruments AM6548_V02 Datasheet HTML 248Page - Texas Instruments AM6548_V02 Datasheet HTML 249Page - Texas Instruments AM6548_V02 Datasheet HTML 250Page - Texas Instruments AM6548_V02 Datasheet HTML 251Page - Texas Instruments AM6548_V02 Datasheet HTML 252Page - Texas Instruments AM6548_V02 Datasheet HTML 253Page - Texas Instruments AM6548_V02 Datasheet HTML 254Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 282 page
background image
8.3.1.6 PRU_ICSSG MII_G_RT Module
The Real-time Media Independent Interface (MII_G_RT) provides a programmable I/O interface for the PRUs to
access and control up to two MII ports. The MII_G_RT module can also be configured to push and pull data
independent of the PRU cores.
8.3.1.7 PRU_ICSSG MII MDIO Module
The PRU_ICSSG MII MDIO management I/F module implements the 802.3 serial management interface to
interrogate and control two Ethernet PHYs simultaneously using a shared two-wire bus.
8.3.1.8 PRU_ICSSG IEP
The Industrial Ethernet Peripheral (IEP) performs hardware work required for Industrial Ethernet functions. The
IEP module features an industrial ethernet timer with 16 compare events, industrial ethernet sync generator and
latch capture, industrial ethernet watchdog timer, and a digital I/O port (DIGIO).
For more information, see Programmable Real-Time Unit Subsystem and Industrial Communication Subsystem -
Gigabit (PRU_ICSSG) section in the device TRM.
8.3.2 GPU
The Graphics Processing Unit (GPU) accelerates 2-dimensional (2D) and 3-dimensional (3D) graphics and
compute applications.
The GPU module is a scalable architecture which efficiently processes a number of differing multimedia data
types concurrently:
• Pixel Data
• Vertex Data
• General Purpose Processing
For more information, see Graphics Accelerator (GPU) section in the device TRM.
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
250
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com