Electronic Components Datasheet Search
  English  ▼

X  

AM6548 Datasheet(PDF) 252 Page - Texas Instruments

Part # AM6548
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548 Datasheet(HTML) 252 Page - Texas Instruments

Back Button AM6548_V02 Datasheet HTML 248Page - Texas Instruments AM6548_V02 Datasheet HTML 249Page - Texas Instruments AM6548_V02 Datasheet HTML 250Page - Texas Instruments AM6548_V02 Datasheet HTML 251Page - Texas Instruments AM6548_V02 Datasheet HTML 252Page - Texas Instruments AM6548_V02 Datasheet HTML 253Page - Texas Instruments AM6548_V02 Datasheet HTML 254Page - Texas Instruments AM6548_V02 Datasheet HTML 255Page - Texas Instruments AM6548_V02 Datasheet HTML 256Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 282 page
background image
8.4.3.2 MCU_NAVSS0
MCU Navigator Subsystem (MCU NAVSS) has a subset of the modules of the main NAVSS and is instantiated
in the MCU domain.
MCU Navigator Subsystem consists of DMA/Queue Management components – UDMA and Ring Accelerator
(UDMASS), and Peripherals (Module subsystem [MODSS]).
UDMASS – UDMASS is the essential part of the DMA Architecture. UDMASS consists of:
• Unified DMA Controller
• Ring Accelerator
• Packet Streaming Interface (PSILSS)
MODSS – MODSS is a collection of peripherals with different system-level functions. NAVSS0 contains the
following modules:
• Memory CRC module
• Infrastructure components such as CBASS, proxies, interrupt aggregators, and an interrupt router
ECC aggregators – for SEC/DED memory protection.
For more information, see Navigator Subsystem (NAVSS) section in the device TRM.
8.4.4 PDMA Controller
The Peripheral DMA is a simple DMA which has been architected to specifically meet the data transfer needs
of peripherals, which perform data transfers using memory mapped registers (MMRs) accessed via a standard
non-coherent bus fabric. The PDMA module is located close to one or more peripherals which require an
external DMA for data movement and is architected to reduce cost by using VBUSP interfaces and supporting
only statically configured Transfer Request (TR) operations.
The PDMA is only responsible for performing the data movement transactions which interact with the peripherals
themselves. Data which is read from a given peripheral is packed by a PDMA source channel into a PSI-L data
stream which is then sent to a remote peer UDMA-P destination channel which then performs the movement of
the data into memory. Likewise, a remote UDMA-P source channel fetches data from memory and transfers it to
a peer PDMA destination channel over PSI-L which then performs the writes to the peripheral.
For more information, see PDMA Controller section in the device TRM.
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
252
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com