Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLP301S 0.3-Inch 3.6-Megapixel DMD for TI DLP짰 3D Printers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 1 Page - Texas Instruments

  DLPA2000 Datasheet HTML 1Page - Texas Instruments DLPA2000 Datasheet HTML 2Page - Texas Instruments DLPA2000 Datasheet HTML 3Page - Texas Instruments DLPA2000 Datasheet HTML 4Page - Texas Instruments DLPA2000 Datasheet HTML 5Page - Texas Instruments DLPA2000 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DLP301S 0.3-Inch 3.6-Megapixel DMD for TI DLP® 3D Printers
1 Features
• 0.3-Inch (7.93-mm) diagonal micromirror array
– 1280 × 720 array of aluminum micrometer-
sized mirrors, in an orthogonal layout
– 5.4 micron micromirror pitch
– ±17° micromirror tilt (relative to flat surface)
– Side illumination for optimal efficiency and
optical engine size
– Polarization independent aluminum micromirror
surface
• 8-Bit SubLVDS input data bus
• Dedicated DLPC1438 3D print controller and
DLPA200x or DLPA300x PMIC/LED driver for
reliable operation
2 Applications
• TI DLP® 3D Printer
– Additive manufacturing
– Vat polymerization
– Masked stereolithography (mSLA 3D printer)
• Dental DLP 3D printer
• Light exposure: programmable spatial and
temporal light exposure
3 Description
The DLP301S digital micromirror device (DMD) is
a digitally controlled micro-opto-electromechanical
system (MOEMS) spatial light modulator (SLM).
When coupled to an appropriate optical system, the
DMD displays a very crisp and high quality image.
This DMD is a component of the chipset comprising
the DLP301S DMD, DLPC1438 3D Print controller,
and DLPA200x/DLPA300x PMIC/LED driver. The
compact physical size of this DMD coupled with
the controller and the PMIC/LED driver provides a
complete system solution that enables high output
optical engines for fast, high resolution, reliable DLP
3D printers.
Get started with TI DLP® light-control technology
page to learn how to get started with the DLP300S.
The DLP advanced light control resources on ti.com
accelerate time to market, which include reference
designs, optical modules manufactures, and DLP
design network partners.
Device Information(1)
PART NUMBER PACKAGE
BODY SIZE (NOM)
DLP301S
FQS (99)
19.25-mm × 7.20-mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
DLPC1438
Display
Controller
DLP301S DMD
Digital
Micromirror
Device
DLPA2000
DLPA2005
DLPA3000
DLPA3005
Power
Management
VOFFSET
VBIAS
VRESET
D_P(0)
D_N(0)
D_P(1)
D_N(1)
D_P(6)
D_N(6)
D_P(7)
D_N(7)
DCLK_P
DCLK_N
DMD_DEN_ARSTZ
LS_WDATA
LS_CLK
LS_RDATA
120 MHz
SDR
Interface
600 MHz
SubLVDS
DDR
Interface
VDDI
VDD
VSS
(System signal routing omitted for clarity)
Simplified Application
DLP301S
DLPS218 – JULY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - DLPA2000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA2000 TI1-DLPA2000 Datasheet
1Mb / 58P
Power Management and LED/Lamp Driver IC
DLPA2000 TI1-DLPA2000 Datasheet
684Kb / 41P
0.2 WVGA DMD
DLPA2000 TI1-DLPA2000 Datasheet
173Kb / 6P
0.23 HD DMD Datasheet
DLPA2000 TI1-DLPA2000 Datasheet
737Kb / 43P
DLP2010LC .2 WVGA DMD
DLPA2000 TI-DLPA2000 Datasheet
549Kb / 6P
DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
More results

Similar Description - DLPA2000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
DLP짰 0.3 WVGA Series 220 DMD
DLPC100 TI1-DLPC100 Datasheet
495Kb / 25P
DLP짰 Digital Controller for the DLP1700 DMD
DLP3010 TI1-DLP3010_18 Datasheet
1Mb / 41P
0.3 720p DMD
DLP5530-Q1 TI1-DLP5530-Q1 Datasheet
681Kb / 37P
0.55-inch 1.3 Megapixel DMD for Automotive Interior Display
DLP3021-Q1 TI1-DLP3021-Q1_V01 Datasheet
593Kb / 39P
DLP3021-Q1 0.3-Inch WVGA DMD
DLP5532-Q1 TI-DLP5532-Q1 Datasheet
1Mb / 37P
DLP5532-Q1 0.55-Inch 1.3-Megapixel DMD for Automotive Display
DLP300S TI-DLP300S Datasheet
549Kb / 6P
DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
DLP300S TI-DLP300S_V01 Datasheet
1Mb / 39P
DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
REVISED AUGUST 2021
DLPC1438 TI-DLPC1438_V01 Datasheet
2Mb / 60P
DLPC1438 Digital Controller for TI DLP짰 3D Printers
REVISED AUGUST 2021
DLP301S TI-DLP301S_V01 Datasheet
608Kb / 7P
DLP301S 0.3-Inch 3.6-Megapixel DMD for TI DLP® 3D Printers
JULY 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com