Electronic Components Datasheet Search
  English  ▼

X  

UP159A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # UP159A
Description  159 Pin Molded Plastic Pin Grid Array NS Package Number UP159A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

UP159A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  UP159A Datasheet HTML 1Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
June 1993
159 Pin Molded Plastic Pin Grid Array
NS Package Number UP159A
All dimensions are in inches (millimeters)
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL
SEMICONDUCTOR CORPORATION As used herein
1 Life support devices or systems are devices or
2 A critical component is any component of a life
systems which (a) are intended for surgical implant
support device or system whose failure to perform can
into the body or (b) support or sustain life and whose
be reasonably expected to cause the failure of the life
failure to perform when properly used in accordance
support device or system or to affect its safety or
with instructions for use provided in the labeling can
effectiveness
be reasonably expected to result in a significant injury
to the user
National Semiconductor
National Semiconductor
National Semiconductor
National Semiconductor
Corporation
Europe
Hong Kong Ltd
Japan Ltd
1111 West Bardin Road
Fax a49 (0) 180-530 85 86
13th Floor Straight Block
Tel 81-043-299-2308
Arlington TX 76017
Email europesupport nsccom
Ocean Centre 5 Canton Rd
Fax 81-043-299-2408
Tel 1(800) 272-9959
Deutsch Tel a49 (0) 180-530 85 85
Tsimshatsui Kowloon
Fax 1(800) 737-7018
English
Tel a49 (0) 180-532 78 32
Hong Kong
Fran ais Tel a49 (0) 180-532 93 58
Tel (852) 2737-1600
http
www nationalcom
Italiano
Tel a49 (0) 180-534 16 80
Fax (852) 2736-9960
National does not assume any responsibility for use of any circuitry described no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications


Similar Part No. - UP159A

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1590 UPI-UP1590 Datasheet
316Kb / 18P
Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
UP1590PQKF UPI-UP1590PQKF Datasheet
316Kb / 18P
Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
UP1590QQKF UPI-UP1590QQKF Datasheet
316Kb / 18P
Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
UP1590RQKF UPI-UP1590RQKF Datasheet
316Kb / 18P
Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
More results

Similar Description - UP159A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
U99A NSC-U99A Datasheet
65Kb / 1P
99 Pin Ceramic Pin Grid Array NS Package Number U99A
Z03B NSC-Z03B Datasheet
63Kb / 1P
3 Lead Molded TO-92 NS Package Number Z03B
V68A NSC-V68A Datasheet
59Kb / 1P
68 Lead Molded Plastic Leaded Chip Carrier NS Package Number V68A
U84C NSC-U84C Datasheet
71Kb / 1P
84 Pin Ceramic Pin Grid Array
TA12A NSC-TA12A Datasheet
54Kb / 1P
12 Lead Molded TO-220 NS Package Number TA12A
TA03A NSC-TA03A Datasheet
59Kb / 1P
3 Lead Molded TO-220 NS Package Number
U120A NSC-U120A Datasheet
69Kb / 1P
120 Pin Ceramic Pin Grid Array
logo
fujitsu semiconductor
BGA-320P-M06 FUJITSU-BGA-320P-M06 Datasheet
34Kb / 1P
PLASTIC BALL GRID ARRAY PACKAGE 320 PIN PLASTIC
logo
Amkor Technology
CPGA AMKOR-CPGA Datasheet
533Kb / 1P
Ceramic Pin Grid Array Package
PPGA AMKOR-PPGA Datasheet
304Kb / 1P
Plastic Pin Grid Array Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com