Electronic Components Datasheet Search
  English  ▼

X  

RF1353C Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RF1353C
Description  345.00 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF1353C Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RF1353C Datasheet HTML 1Page - RF Monolithics, Inc RF1353C Datasheet HTML 2Page - RF Monolithics, Inc RF1353C Datasheet HTML 3Page - RF Monolithics, Inc RF1353C Datasheet HTML 4Page - RF Monolithics, Inc RF1353C Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
345.00 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 5
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RF1353C-052903
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
4.8
5.0
5.2
0.1968
B
4.8
5.0
5.2
0.1968
C
1.7
0.0669
D
2.08
0.0818
E
1.17
0.046
F
0.64
0.0252
G
2.39
2.54
2.69
0.100
Connection
Terminals
Port 1
Differential Input
1, 2
Port 2
Differential Output
5, 6
Ground
All others
Single Ended Operation
Return is ground
Differential Operation
Return is hot
Dot indicates Pin 1
8-Terminal Ceramic Surface-Mount Case
5.0 X 5.0 mm Nominal Footprint
SM5050-8 Case
Electrical Connections
Case Dimensions
TOP VIEW
BOTTOM VIEW
A
1
2
3
B
7
6
5
4
C
D 7
6
5
4
E
F
G
1
2
3
8
8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com