Electronic Components Datasheet Search
  English  ▼

X  

USB2504 Datasheet(PDF) 6 Page - SMSC Corporation

Part # USB2504
Description  INTEGRATED USB2.0 COMPATIBLE 4 - PORT HUB
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504 Datasheet(HTML) 6 Page - SMSC Corporation

  USB2504 Datasheet HTML 1Page - SMSC Corporation USB2504 Datasheet HTML 2Page - SMSC Corporation USB2504 Datasheet HTML 3Page - SMSC Corporation USB2504 Datasheet HTML 4Page - SMSC Corporation USB2504 Datasheet HTML 5Page - SMSC Corporation USB2504 Datasheet HTML 6Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Figure 3 56 Pin QFN Package and Parameters
A
INITIAL RELEASE
2/07/04
S.K.ILIEV
DECIMAL
X.X
X.XX
X.XXX
MATERIAL
FINISH
STD COMPLIANCE
THIRD ANGLE PROJECTION
PRINT WITH "SCALE TO FIT"
DO NOT SCALE DRAWING
APPROVED
ANGULAR
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
AND TOLERANCES ARE:
DIM AND TOL PER ASME Y14.5M - 1994
DRAWN
CHECKED
NAME
SCALE
80 ARKAY DRIVE
HAUPPAUGE, NY 11788
USA
DWG NUMBER
TITLE
DATE
SHEET
REV
REVISION HISTORY
DESCRIPTION
REVISION
RELEASED BY
DATE
S.K.ILIEV
S.K.ILIEV
S.K.ILIEV
±1°
-
-
±0.025
±0.05
±0.1
2/07/04
1:1
2/06/04
2/07/04
C
JEDEC: MO-220
1 OF 1
56 TERMINAL QFN, 8x8mm BODY, 0.5mm PITCH
PACKAGE OUTLINE
MO-56-QFN-8x8
SIDE VIEW
3-D VIEWS
TOP VIEW
3
2
BOTTOM VIEW
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETER.
2. POSITION TOLERANCE OF EACH TERMINAL AND EXPOSED PAD IS ± 0.05mm AT MAXIMUM MATERIAL
CONDITION. DIMENSIONS "b" APPLIES TO PLATED TERMINALS AND IT IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
3. DETAILS OF TERMINAL #1 IDENTIFIER ARE OPTIONAL BUT MUST BE LOCATED WITHIN THE AREA INDICATED.
E2
E
E1
D
D1
TERMINAL #1
IDENTIFIER AREA
(D1/2 X E1/2)
56X b
56X L
TERMINAL #1
IDENTIFIER AREA
(D/2 X E/2)
D2
e
EXPOSED PAD
3
A1
A2
A
4X 45°X0.6 MAX (OPTIONAL)
2
D2 / E2 VARIATIONS
CATALOG PART
B
REMOVE "PRELIMINARY" NOTE
10/7/04
S.K.ILIEV
C
L(MAX) FROM 0.55 TO 0.50. ADDED D2/E2 VARIATIONS TABLE
7/2/05
S.K.ILIEV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com