Electronic Components Datasheet Search
  English  ▼

X  

RF1355 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RF1355
Description  390.0 MHz SAW Fil
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF1355 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RF1355 Datasheet HTML 1Page - RF Monolithics, Inc RF1355 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RF1355-010505
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Nominal Frequency
fC
1, 2
389.900
390.100
MHz
Tolerance from 390.0 MHz
∆f
C
±100
kHz
Insertion Loss
IL
1
5.0
dB
3 dB Bandwidth
BW3
1, 2
330
550
kHz
Rejection
at fc -21.4 MHz (Image)
1
40
dB
at fc -10.7 MHz (LO)
15
Temperature
Operating Case Temperature
TC
3,4
-35
+85
°C
Turnover Temperature
TO
25
°C
Turnover Frequency
fO
fC
MHz
Freq. Temp. Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
[fA]
5
≤10
ppm/yr
Lid Symbolization (in addition to Lot and / or Date Codes)
RFM RF1355
TO39-3 Case
•
Ideal for 390.0 MHz Transmitters
•
Very Low Series Resistance
•
Quartz Stability
•
Rugged, Hermetic, Low-Profile TO39 Case
•
Complies with Directive 2002/95/EC (RoHS)
The RF1355 is a true one-port. surface-acoustic-wave (SAW) filter in a low-profile TO39 case. It provides
reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmiters operating at
390.0 MHz.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See: Typical Test Circuit)
+5
dBm
DC Voltage Between Any Two Pins (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
390.0 MHz
SAW Filter
RF1355
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or less. Aging may exceed the specification for prolonged temperatures above +65°C. Typically,
aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point, ILMIN, with the resonator in the 50 Ω test system (VSWR ≤ 1.2:1). The shunt inductance, LTEST,
is tuned for parallel resonance with CO at fC. Typically, fOSCILLATOR or fTRANSMITTER is less than the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and 4,616,197 and others pending.
4.
Typically, equipment designs utilizing this device require emissions testing and government approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are subject to change without notice.
7.
Derived mathematically from one or more of the following directly measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fO. The nominal frequency at any case temperature, TC, may be calculated from:
f= fO [1- FTC (TO -TC)
2]. Typically, oscillator T
O is 20°C less than the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the resonant frequency and is provided for reference only. The capacitance CO is the static (nonmo-
tional) capacitance between pin1 and pin 2 measured at low frequency (10 MHz) with a capacitance meter. The measurement includes case parasitic capacitance with a
floating case. For usual grounded case applications (with ground connected to either pin 1 or pin 2 and to the case), add approximately 0.25 pF to CO.
Pb


Similar Part No. - RF1355

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RF1353-000. LITTELFUSE-RF1353-000. Datasheet
308Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
logo
RF Monolithics, Inc
RF1353C RFM-RF1353C Datasheet
163Kb / 5P
345.00 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1353C MURATA-RF1353C Datasheet
171Kb / 5P
345.00 MHz SAW Filter
logo
RF Monolithics, Inc
RF1353D RFM-RF1353D Datasheet
183Kb / 5P
345.00 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1353D MURATA-RF1353D Datasheet
172Kb / 5P
345.00 MHz SAW Filter
More results

Similar Description - RF1355

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2188 RFM-RO2188 Datasheet
144Kb / 2P
390.0 MHz SAW Resonator
RO2188A RFM-RO2188A Datasheet
98Kb / 2P
390.0 MHz SAW Resonator
SC3031B RFM-SC3031B Datasheet
77Kb / 2P
390.0 MHz Differential Sine-Wave Clock
logo
Abracon Corporation
AFS390E ABRACON-AFS390E Datasheet
113Kb / 1P
SMD 390.0 MHz SAW FILTER
logo
RF Monolithics, Inc
RF3355C RFM-RF3355C Datasheet
88Kb / 3P
390.0 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
logo
Murata Manufacturing Co...
RO3188A MURATA-RO3188A Datasheet
393Kb / 2P
390.0 MHz SAW Resonator
RF3355C MURATA-RF3355C Datasheet
88Kb / 3P
390.0 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA139E1 TAI-SAW-TA139E1 Datasheet
221Kb / 4P
SAW Filter139 MHz
logo
Murata Manufacturing Co...
RO3188A MURATA-RO3188A_15 Datasheet
171Kb / 3P
390.0 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com