Electronic Components Datasheet Search
  English  ▼

X  

PROSCAN-T-3529 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # PROSCAN-T-3529
Description  Active infrared scanner
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PROSCAN-T-3529 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  PROSCAN-T-3529 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PROSCAN-T-3529 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PROSCAN-T-3529 Datasheet HTML 3Page - Pepperl+Fuchs Inc. PROSCAN-T-3529 Datasheet HTML 4Page - Pepperl+Fuchs Inc. PROSCAN-T-3529 Datasheet HTML 5Page - Pepperl+Fuchs Inc. PROSCAN-T-3529 Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data
Switching voltage
38 V DC
Switching current
200 mA
Response time
< 50 ms
De-energized delay
toff
200 ms
Compliance with standards and directives
Standard conformity
Product standard
EN 60947-5-2
Standards
EN 50155 Chapter 12.2.3 / 12.2.5 / 12.2.7 / 12.2.8 / 12.2.11 / 12.2.14
Details see test report
Flammability
Flame retardant in accordance with UN/ECE-R118 or ISO 14572
Approvals and certificates
UN/ECE Regulation No. 10 (E1)
Type-approval number: 046982
Ambient conditions
Ambient temperature
-25 ... 60 °C (-13 ... 140 °F)
Storage temperature
-40 ... 70 °C (-40 ... 158 °F)
Mechanical specifications
Mounting height
1000 ... 2500 mm
Degree of protection
IP52
Connection
AMP connector 6-pin , 2 m fixed cable
Material
Housing
ABS
Optical face
PMMA
Mass
approx. 100 g
Connection Assignment
1
2
3
4
5
6
n.c.
Q0
0 V
+UB
n.c.
n.c.
Assembly
1 Functional display
red
2 Programming switch
1
2
1
closed
open
Active infrared scanner
PROSCAN-T-3529
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com