Electronic Components Datasheet Search
  English  ▼

X  

RADEC-M Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # RADEC-M
Description  Radar sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

RADEC-M Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  RADEC-M Datasheet HTML 1Page - Pepperl+Fuchs Inc. RADEC-M Datasheet HTML 2Page - Pepperl+Fuchs Inc. RADEC-M Datasheet HTML 3Page - Pepperl+Fuchs Inc. RADEC-M Datasheet HTML 4Page - Pepperl+Fuchs Inc. RADEC-M Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RaDec-M
4
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Radar sensor
Sensing Range
A narrower or wider sensing area can be achieved with turning the plug-in antenna.
Sensitivity Settings
The sensitivity potentiometer can be used to adjust the size of the detection field.
Other suitable accessories can be found at www.pepperl-fuchs.com
Microwave sensors are microwave scanners that use the principle of the Doppler radar. The most important requirement for
microwave detection is that the object to be detected is moving. Some applications include controlling automatic and industrial
doors.
The microwave sensors emit microwaves of a defined frequency in order to detect people and large objects moving at speeds
between 100 mm/sec and 5 m/sec. Stationary people or objects are not detected. Based on the latest 24 GHz technology with
integrated microprocessor control, these sensors provide a high degree of reliability even in difficult operating conditions. The
24 GHz frequency, known as the ‘K-band,’ is reserved by CETECOM for this application area worldwide.
• Opening impulse sensors for automatic doors and industrial doors
• Monitoring approach areas to elevators
• Motion sensors for people and objects
Commissioning
Wide:
Mounting height 2200 mm / tilt angle 30°
Antenna position:
Narrow:
Mounting height 2200 mm / tilt angle 30°
Antenna position:
The detection field can be swivelled in 10 steps from 0° ... 90°.
Accessories
Function Principle
Application
appr
ox
. 2
m
approx. 4.5
m
approx.
2.0 m
approx.
4.5
m
min.
50 %
max.
max.
min.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com