Electronic Components Datasheet Search
  English  ▼

X  

RMS-M Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # RMS-M
Description  Radar sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

RMS-M Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  RMS-M Datasheet HTML 1Page - Pepperl+Fuchs Inc. RMS-M Datasheet HTML 2Page - Pepperl+Fuchs Inc. RMS-M Datasheet HTML 3Page - Pepperl+Fuchs Inc. RMS-M Datasheet HTML 4Page - Pepperl+Fuchs Inc. RMS-M Datasheet HTML 5Page - Pepperl+Fuchs Inc. RMS-M Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dimensions
Window for LED display
123
82.5
36.5
ø 3.7
ø 3.7
Technical Data
General specifications
Sensing range
broad: 2000x 4500 mm (DxW) at 2200 mm mounting height and 30° tilt angle
narrow: 4500x 2000 mm (DxW) at 2200 mm mounting height and 30° tilt angle
Function principle
Microwave module
Detection speed
min. 0.1 m/s
Setting angle
0 ... 40 ° in 5 ° increments
Operating frequency
24.15 ... 24.25 GHz K-Band
Operating mode
Radar motion sensor
Transmitter radiated power (EIRP)
< 20 dBm
Functional safety related parameters
MTTFd
850 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Function indicator
LED red/green
Control elements
Potentiometer and programming button for setting: Method of connection, dropout
time, response time, Interference behavior
Control elements
sensitivity adjustment
Electrical specifications
Operating voltage
UB
12 ... 36 V DC , 12 ... 24 V AC
No-load supply current
I0
≤ 50 mA at 24 V DC
Power consumption
P0
≤ 1 W
Output
Radar sensor
RMS-M
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com