Electronic Components Datasheet Search
  English  ▼

X  

LCP1521SRL Datasheet(PDF) 4 Page - STMicroelectronics

Part # LCP1521SRL
Description  PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP1521SRL Datasheet(HTML) 4 Page - STMicroelectronics

  LCP1521SRL Datasheet HTML 1Page - STMicroelectronics LCP1521SRL Datasheet HTML 2Page - STMicroelectronics LCP1521SRL Datasheet HTML 3Page - STMicroelectronics LCP1521SRL Datasheet HTML 4Page - STMicroelectronics LCP1521SRL Datasheet HTML 5Page - STMicroelectronics LCP1521SRL Datasheet HTML 6Page - STMicroelectronics LCP1521SRL Datasheet HTML 7Page - STMicroelectronics LCP1521SRL Datasheet HTML 8Page - STMicroelectronics LCP1521SRL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
LCP1521S/LCP152DEE
4/11
Table 6.
Parameters related to the diode LINE / GND (Tamb = 25° C)
Symbol
Test conditions
Max
Unit
VF
IF = 5A
t = 500 µs
3
V
VFP
(1)
1.
See test circuit for VFP (Figure 4.): RS is the protection resistor located on the line card.
10/700 µs
1.2/50 µs
2/10 µs
1.5 kV
1.5 kV
2.5 kV
RS = 10 Ω
RS = 10 Ω
RS = 62 Ω
5
9
30
V
Table 7.
Parameters related to the protection Thyristors (Tamb = 25° C, unless
otherwise specified)
Symbol
Test conditions
Typ
Max
Unit
IGT
VGND / LINE = -48 V
0.1
5
mA
IH
VGATE = -48 V
(1)
1.
see functional holding current (IH) test circuit
150
mA
VGT
at IGT
2.5
V
IRG
VRG = -150 V
VRG = -150 V
Tj = 25° C
Tj = 85° C
5
50
µA
VDGL
VGATE = -48 V
(2)
2.
see test circuit for VDG The oscillations with a time duration lower than 50ns are not taken into account.
10/700 µs
1.2/50 µs
2/10 µs
1.5 kV
1.5 kV
2.5 kV
RS = 10 Ω
RS = 10 Ω
RS = 62 Ω
IPP = 30 A
IPP = 30 A
IPP = 38 A
7
10
25
V
Table 8.
Parameters related to diode and protection Thyristors (Tamb = 25° C,
unless otherwise specified)
Symbol
Test conditions
Typ
Max
Unit
IRM
VGATE / LINE = -1 V
VRM = -150 V
VGATE / LINE = -1 V
VRM = -150 V
Tj = 25° C
Tj = 85° C
5
50
µA
C
VR = 50 V bias, VRMS = 1 V, F = 1 MHz
VR = 2 V bias, VRMS = 1 V, F = 1 MHz
15
35
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com