Electronic Components Datasheet Search
  English  ▼

X  

PSN1G Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # PSN1G
Description  Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PSN1G Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  PSN1G Datasheet HTML 1Page - M-System Co.,Ltd. PSN1G Datasheet HTML 2Page - M-System Co.,Ltd. PSN1G Datasheet HTML 3Page - M-System Co.,Ltd. PSN1G Datasheet HTML 4Page - M-System Co.,Ltd. PSN1G Datasheet HTML 5Page - M-System Co.,Ltd. PSN1G Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: PSN1G
PSN1G SPECIFICATIONS
ES-4876 Rev.0 Page 1/6
http://www.m-system.co.jp/
Final Control Elements
SERVO-TOP II ELECTRONIC ACTUATOR
linear type; rated thrust 3000N
Functions & Features
• High-resolution electronic actuator for control valves
• Fast action control without overshoot
• Equipped with high-performance stepping motor
• Usable in both low and high temperature ranges
• Excellent in hysteresis, linear, and resolution
characteristics
• Disc spring with buffer incorporated
Typical Applications
• Fuel cell systems
• Capacity control of compressor for refrigerating machines
• High-speed & high-performance control valves used in
various plants and industries
221.5 (8.72)
MODEL: PSN1G–A21–A
ORDERING INFORMATION
• Code number: PSN1G-A21-AR
• Use Ordering Information Sheet (No. ESU-4876).
Ex-factory settings will be as shown in the table below if
not specified by the user.
EX-FACTORY SETTINGS
Item
Setting
Action
Reverse
Operations at abnormally low input
Stop
Output stem ex-factory position
Upper-end
Opening/Closing speed
7.5 sec. / 20 mm
Deadband setting
0.1 %
Restart limiting timer
0.1 sec.
OUTPUT STEM OPERATION DISTANCE
A: 0-20 mm (0” to .79”)
SEALING SPRING PRESSURE
2: 3000 N use
OUTPUT STEM TYPE
1: M14 male screw, pitch 1.5
INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
POWER SUPPLY VOLTAGE
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
Common Specifications
• Output signal: 4 - 20 mA DC
(allowable load resistance: ≤ 300 Ω)
• Rated thrust: 3000 N
• Maximum thrust: 3200 N (reference value)
• Thrust when output stem is locked: 3500 N min.
(reference value)
• Operation speed: 7.5 sec./20 mm
RELATED PRODUCTS (Products sold separately)
• Manual operation handle (model: HPSN)
• Programming Unit (model: PU-2x)
GENERAL SPECIFICATIONS
Degree of protection: IP66
Action: "Reverse" action, in which the output stem retracts
or moves upward as the input signal increases.
Operation at abnormally low input:
(selectable with DIP switches)
- Extend/move downward
- Retract/move upward
- Stop
Abnormal signal level: ≤ 1.48(±0.4) mA DC
Wiring conduits: G 1/2 female thread (two)
Terminal block: 7.62 mm pitch; M3 screw terminals (torque
0.5 N·m)
Screw terminal: Nickel-plated brass
Housing material: Diecast aluminum
Coating: Silver color
Drive: Stepping motor
Insulation class: E


Similar Part No. - PSN1G

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
PSN1 MSYSTEM-PSN1 Datasheet
236Kb / 8P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1-411-6K3 MSYSTEM-PSN1-411-6K3 Datasheet
236Kb / 8P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1-411-6K3/C MSYSTEM-PSN1-411-6K3/C Datasheet
236Kb / 8P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1-411-6K3/E MSYSTEM-PSN1-411-6K3/E Datasheet
236Kb / 8P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1-411-6L3 MSYSTEM-PSN1-411-6L3 Datasheet
236Kb / 8P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
More results

Similar Description - PSN1G

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MSP6D MSYSTEM-MSP6D Datasheet
161Kb / 6P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6C MSYSTEM-MSP6C Datasheet
144Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6 MSYSTEM-MSP6 Datasheet
144Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP5D MSYSTEM-MSP5D Datasheet
166Kb / 6P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP50 MSYSTEM-MSP50 Datasheet
184Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP40 MSYSTEM-MSP40 Datasheet
187Kb / 5P
Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PSN3 MSYSTEM-PSN3 Datasheet
205Kb / 7P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN1 MSYSTEM-PSN1 Datasheet
236Kb / 8P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP-2 MSYSTEM-PRP-2 Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PRP MSYSTEM-PRP Datasheet
160Kb / 4P
Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com