Electronic Components Datasheet Search
  English  ▼

X  

PRP-2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # PRP-2
Description  Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

PRP-2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  PRP-2 Datasheet HTML 1Page - M-System Co.,Ltd. PRP-2 Datasheet HTML 2Page - M-System Co.,Ltd. PRP-2 Datasheet HTML 3Page - M-System Co.,Ltd. PRP-2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: PRP-2
PRP-2 SPECIFICATIONS
ES-4875 Rev.1 Page 2/4
http://www.m-system.co.jp/
•Restart limiting timer
•Closed/open side limiter
•Resolution
INPUT SIGNAL SPECIFICATIONS
■ DC Current: Input resistor incorporated (not removable)
■ Forced Operation: External contact signal input terminals
provided for compulsory opening or closing operation
Rating: 5 V DC @ 2.5 mA
OUTPUT SIGNAL SPECIFICATIONS
■ Position Signal: 4 – 20 mA DC
Load resistance: ≤ 300 Ω
• Sequential Control Signal: "Full-open", "full-closed" and
"alarm"
Open collector: 30 V DC @ 100 mA max.
Saturation voltage: 1 V DC
INSTALLATION
Power consumption: 180 VA
Stand-by consumption: 30 VA
Operating temperature: -20 to +55°C (-4 to +131°F)
Operating humidity: 30 to 85 %RH (non-condensing)
Vibration: Passed test condition below
•Fixed frequency endurance test
Acceleration: 2 G (19.6 m/s2)
Frequency: at resonant frequency
Endurance: 30 min.
Direction: X, Y, Z
•Sweep endurance test
Acceleration: 2 G (19.6 m/s2)
Frequency: 10 to 1000 Hz
Cycle: 20 cycles
Rate: 1 oct./min.
Endurance: approx. 4 hr. 30 min.
Direction: X, Y, Z
Mounting position: All directions
Prevent water from accumulating around the output stem.
Weight: Approx. 26.5 kg (58.42 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC (signals to
power supply voltage to sequential signals to metallic
housing)
Dielectric strength:
• 2000 V AC @ 1 minute
- signals or metallic housing* to power supply voltage
- power supply voltage to sequential signals
- signals or metallic housing* to sequential signals
• 500 V AC @ 1 minute
- signals to metallic housing
* Short between signals and metallic housing
FUNCTIONS
• Error Detection
When the position signal is deviated from the input signal
but the output stem is stuck due to overload or certain
malfunction, the PRP repeats starting the motor at the
maximum torque for several times.
If the stem is still stuck after that, the PRP outputs an alarm
signal (LED turned ON) and stops power supply to the
motor.
In order to reset the PRP, apply several times 0% and 100%
input signals in turn, or turn off and on the power supply.
• Abnormal Temperature Increase Protection
When the incorporated temperature sensor detects an
abnormal temperature increase in the motor, the alarm LED
blinks (repeating 0.5-sec. ON – 0.5-sec. OFF) and the power
supply to the final control element motor is stopped until
the temperature decreases to an acceptable level. The PRP
is designed to resume automatically power supply to the
motor. It takes longer to resume normal operation when
ambient temperature is higher.
• Restart Limiting Timer
This unit is equipped with a timer protecting the motor from
overheating. The timer prevents the motor from restarting
for a certain interval once the motor has been stopped
within deadband.
When the high temperature protection is activated in a high
temperature ambient, adjust the timer to a longer interval.
• Motor Preheat Function
When this unit detects a temperature lower than 0°C or
32°F (approximate) on the surface of its motor, this unit
supplies current to the motor in order to warm up and
maintain its surface temperature at 5°C or 41°F
(approximate).
Maintain the power-supply voltage ON when this unit is
used in the ambient temperature below 0°C or 32°F.
• Resolution
The ratio that the stem of the unit rotates according to input
signal.
E.g. Resolution is 1/300 for the specification that input
signal is 4 to 20 mA, output stem 90°, direct or reverse
action. As the span of input signal is 16 mA (20 – 4 =
16 mA), when input signal is changed by 0.053 mA step (16
mA / 300 = 0.053 mA), the output stem rotates 0.3° (90°/
300 = 0.3°).
(Even for output stem 60°setting, resolution is 1/300 =
0.3°step)
It is not true that input signal = output signal.
(Not input signal 4.00 mA DC = output signal 4.00 mA DC,
there is difference around ±0.012 mA DC.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com