Electronic Components Datasheet Search
  English  ▼

X  

ESR8DCT4D Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # ESR8DCT4D
Description  Remote I/O R8 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ESR8DCT4D Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  ESR8DCT4D Datasheet HTML 1Page - M-System Co.,Ltd. ESR8DCT4D Datasheet HTML 2Page - M-System Co.,Ltd. ESR8DCT4D Datasheet HTML 3Page - M-System Co.,Ltd. ESR8DCT4D Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R8-DCT4D
R8-DCT4D SPECIFICATIONS
ES-9798 Rev.1 Page 2/4
https://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1, EN 61010-2-201
Measurement Category II (output)
Pollution Degree 2
Output to exc. supply or internal bus or internal power:
Basic insulation (250 V)
RoHS Directive
EXTERNAL VIEW
■ FRONT VIEW
■ SIDE VIEW
Do
1
8
DIP SW
8
7
6
5
4
3
2
1
SW1
SW2
On
RUN
1
2
3
4
Status Indicator LED
Discrete Output
Status Indicator LED
Internal Bus Connector
Output Connectors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com