Electronic Components Datasheet Search
  English  ▼

X  

RO2053 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RO2053
Description  310.0 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RO2053 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RO2053 Datasheet HTML 1Page - RF Monolithics, Inc RO2053 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-9148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RO2053-102599
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency (+25 °C)
Absolute Frequency
fC
2, 3, 4, 5
309.900
310.100
MHz
Tolerance from 310.000 MHz
∆f
C
±100
kHz
Insertion Loss
IL
2, 5, 6
3.1
5.0
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
11,800
50
Ω Loaded Q
QL
3,500
Temperature Stability
Turnover Temperature
TO
6, 7, 8
37
52
67
°C
Turnover Frequency
fO
fc + 8.4
kHz
Frequency Temperature Coefficient
FTC
0.037
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
≤10
ppm/yr
DC Insulation Resistance between Any Two Pins
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 7, 9
43
78
Ω
Motional Inductance
LM
260.257
µH
Motional Capacitance
CM
1.01245
fF
Pin 1 to Pin 2 Static Capacitance
CO
5, 6, 9
2.2
2.5
2.8
pF
Transducer Static Capacitance
CP
5, 6, 7, 9
2.2
pF
Test Fixture Shunt Inductance
LTEST
2, 7
105
nH
Lid Symbolization (in Addition to Lot and/or Date Codes)
RFM RO2053
TO39-3 Case
•
Ideal for 310 MHz Transmitters
•
Low Series Resistance
•
Quartz Stability
•
Rugged, Hermetic, Low-Profile TO39 Case
•
Complies with Directive 2002/95/EC (RoHS)
The RO2053 is a true one-port, surface-acoustic-wave (SAW) resonator in a low-profile TO39 case. It pro-
vides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters operating at
310 MHz. The RO2053 is designed specifically for AM transmitters used in automotive-keyless-entry appli-
cations operating in the USA under FCC Part 15, in Canada under DoC RSS-210, and in Italy.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation
+0
dBm
DC Voltage Between Any Two Pins
±30
VDC
Case Temperature
-40 to +85
°C
310.0 MHz
SAW
Resonator
RO2053
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or less.
Aging may exceed the specification for prolonged temperatures above +65°C.
Typically, aging is greatest the first year after manufacture, decreasing signifi-
cantly in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point, ILMIN,
with the resonator in the 50
Ω test system (VSWR ≤ 1.2:1). The shunt induc-
tance, LTEST, is tuned for parallel resonance with CO at fC. Typically, fOSCILLA-
TOR or fTRANSMITTER is less than the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197 and others pending.
4.
Typically, equipment designs utilizing this device require emissions testing and
government approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are subject
to change without notice.
7.
Derived mathematically from one or more of the following directly measured
parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) fre-
quency, fO. The nominal frequency at any case temperature, TC, may be calcu-
lated from: f= fO [1- FTC (TO -TC)
2]. Typically, oscillator T
O is 20°C less than
the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the reso-
nant frequency and is provided for reference only. The capacitance CO is the
static (nonmotional) capacitance between pin1 and pin 2 measured at low fre-
quency (10 MHz) with a capacitance meter. The measurement includes case
parasitic capacitance with a floating case. For usual grounded case applica-
tions (with ground connected to either pin 1 or pin 2 and to the case), add
approximately 0.25 pF to CO.
Pb


Similar Part No. - RO2053

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2053A-1 RFM-RO2053A-1 Datasheet
98Kb / 2P
310.0 MHz SAW Resonator
More results

Similar Description - RO2053

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
HO1056 RFM-HO1056 Datasheet
80Kb / 2P
310.0 MHz SAW Oscillator
RO2053A-1 RFM-RO2053A-1 Datasheet
98Kb / 2P
310.0 MHz SAW Resonator
RP1053-2 RFM-RP1053-2 Datasheet
93Kb / 2P
310.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
295.05 MHz SAW Resonator
RO3053A-1 MURATA-RO3053A-1 Datasheet
392Kb / 2P
310.0 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
315.0 MHz SAW Resonator
RO3073E MURATA-RO3073E Datasheet
100Kb / 2P
315.00 MHz SAW Resonator
RO3073E-1 MURATA-RO3073E-1 Datasheet
396Kb / 2P
315.00 MHz SAW Resonator
RP1053-2 MURATA-RP1053-2 Datasheet
153Kb / 2P
310.0 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com