Electronic Components Datasheet Search
  English  ▼

X  

R3-GD1 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R3-GD1
Description  Remote I/O R3 Series DeviceNet INTERFACE MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-GD1 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R3-GD1 Datasheet HTML 1Page - M-System Co.,Ltd. R3-GD1 Datasheet HTML 2Page - M-System Co.,Ltd. R3-GD1 Datasheet HTML 3Page - M-System Co.,Ltd. R3-GD1 Datasheet HTML 4Page - M-System Co.,Ltd. R3-GD1 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: R3-GD1
R3-GD1 SPECIFICATIONS
ES-8465 Rev.7 Page 3/5
https://www.m-system.co.jp/
TRANSMISSION DATA DESCRIPTIONS
SLOT
REAL MODULE
VERTUAL MODULE
NO. OF WORDS
Slot No.1
R3-SV4
R3-SV4
4 Words
Slot No.2
R3-GD1
R3-GD1 (1/4)
16 Words
Slot No.3
No module
R3-GD1 (2/4)
16 Words
Slot No.4
No module
R3-GD1 (3/4)
16 Words
Slot No.5
No module
R3-GD1 (4/4)
16 Words
Slot No.6
No module
No module
----
Slot No.7
R3-NE1
R3-NE1
----
Slot No.8
R3-PS1
R3-PS1
----
■ OUTPUT DATA
The gure below shows the allocation of the data sent from
the network module to the master.
■ INPUT DATA
The gure below shows the allocation of the data sent from
the master to the network module.
0
15
0
15
+0
Begin
Address
Module
1
+0
Begin
Address
Module
2
Module
3
Module
4
Module 1
Module 2
Module 3
Module 4
+15
+16
+31
+32
+47
+48
+63
+15
+16
+31
+32
+47
+48
+63
■ WHEN R3-GD1 IS MOUNTED ON SLOT NO. 2 (4 modules)
1
2
3
4
5
6
7
8
R3-
SV4
R3-BS08
R3-
GD1
R3-
NE1
R3-
PS1
Use the DIP SW located at the side of the module to specify module allocation.
1 module is equivalent to 1 I/O module with 16 words analog input and 16 words analog output. Max. 4 modules (64 words
input, 64 words output) transmission is available. It seems as if max. 4 I/O modules are mounted to 4 slots via Device-
Net.
Note: Do not mount any modules in the slots which are occupied by virtual modules. If a real I/O module is mounted in the
slot, an internal bus error occurs and the ERR LED turns on. Max. 16 real I/O modules and virtual modules are available.
The interface module can not read the data for more than 16 modules.
IReal I/O modules are mounted on Slots No. 1 and 2, however, the network module (R3-NE1) recognizes that each of Slots No. 1
to 5 is occupied. That is, R3-NE1 recognizes R3-SV4 mounted on Slot No.1 as it is and recognizes R3-GD1 mounted on Slot No.2
as divided into four modules and occupying Slots No. 2 to 5.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com