Electronic Components Datasheet Search
  English  ▼

X  

ZWK Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ZWK
Description  Cemented Wirewound Resistors with Ferrules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZWK Datasheet(HTML) 2 Page - Vishay Siliconix

  ZWK Datasheet HTML 1Page - Vishay Siliconix ZWK Datasheet HTML 2Page - Vishay Siliconix ZWK Datasheet HTML 3Page - Vishay Siliconix ZWK Datasheet HTML 4Page - Vishay Siliconix ZWK Datasheet HTML 5Page - Vishay Siliconix ZWK Datasheet HTML 6Page - Vishay Siliconix ZWK Datasheet HTML 7Page - Vishay Siliconix ZWK Datasheet HTML 8Page - Vishay Siliconix ZWK Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZWK, ZWK Ni
www.vishay.com
Vishay Draloric
Revision: 07-Feb-17
2
Document Number: 21012
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• The products can be ordered using either the PRODUCT DESCRIPTION or the PART NUMBER.
(1) For special variants, special windings, or the non inductive (ZWK Ni) versions, please contact: ww1resistors@vishay.com.
PACKAGING
TYPE
PACKAGING
CODE
QUANTITY
FORMAT
DIMENSION OF PACKAGE
All
LX
Variable
Bulk, separately packed with paper
Box size selection according to quantity
and product size
GLOBAL PART NUMBER INFORMATION
Part Numbering: ZWK010J11000KLX000
TYPE
VARIANT /
TERMINAL
TCR /
MATERIAL
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL
ZWK010 = ZWK 10
ZWK015 = ZWK 15
ZWK020 = ZWK 20
ZWK040 = ZWK 40
ZWK060 = ZWK 60
ZWK090 = ZWK 90
ZWK150 = ZWK 150
I = GZK
J = GDK
(also known
as GDR and
M4)
1 = WM 50
-10 ppm/K
to -80 ppm/K
3 = WM 110
+100 ppm/K
to +180 ppm/K
3 digit value
1 digit
multiplier
MULTIPLIER
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
G = ± 2.0 %
J = ± 5.0 %
K = ± 10.0 %
LX =
loose pack,
without
quantity
000 = standard
3 digit code =
customized version (1)
Product Description: ZWK 10 1 GDK 100R 10 %
ZWK 10
1
GDK
100R
10 %
TYPE
TCR / MATERIAL
VARIANT /
TERMINAL
RESISTANCE
TOLERANCE
010J
100
1
WK
KL
X
0
0
Z
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com