Electronic Components Datasheet Search
  English  ▼

X  

ZWS100 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ZWS100
Description  Cemented Wirewound Resistors with Lugs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZWS100 Datasheet(HTML) 4 Page - Vishay Siliconix

  ZWS100 Datasheet HTML 1Page - Vishay Siliconix ZWS100 Datasheet HTML 2Page - Vishay Siliconix ZWS100 Datasheet HTML 3Page - Vishay Siliconix ZWS100 Datasheet HTML 4Page - Vishay Siliconix ZWS100 Datasheet HTML 5Page - Vishay Siliconix ZWS100 Datasheet HTML 6Page - Vishay Siliconix ZWS100 Datasheet HTML 7Page - Vishay Siliconix ZWS100 Datasheet HTML 8Page - Vishay Siliconix ZWS100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ZWS, ZWS E, ZWS Ni
www.vishay.com
Vishay Draloric
Revision: 19-Jul-16
4
Document Number: 21010
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• The products can be ordered using either the PRODUCT DESCRIPTION or the PART NUMBER.
(1) For special windings or the non-inductive (ZWS Ni) versions, please contact: ww1resistors@vishay.com.
PACKAGING
TYPE
PACKAGING
CODE
QUANTITY
FORMAT
DIMENSION OF PACKAGE
All
LX
Variable
Bulk, separately packed with paper
Box size selection according to quantity
and product size
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: ZWS006331001KLX000
TYPE
VARIANT /
TERMINAL
TCR / MATERIAL
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL
ZWS006 = ZWS 6
ZWS008 = ZWS 8
ZWS012 = ZWS 12
ZWS015 = ZWS 15
ZWS020 = ZWS 20
ZWS035 = ZWS 35
ZWS050 = ZWS 50
ZWS100 = ZWS 100
ZWS150 = ZWS 150
ZWS250 = ZWS 250
ZWSN84 = ZWS 30/100
ZWSN91 = ZWS 30/133
3 = SL
4 = SS
5 = SB
6 = SSB
7 = FST
8 = E SL
9 = E SS
A = E SB
B = E SSB
C = E FST
1 = WM50
-10 ppm/K to
-80 ppm/K
3 = WM110
+100 ppm/K to
+180 ppm/K
3 digit value
1 digit
multiplier
MULTIPLIER
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
G = ± 2 %
J = ± 5 %
K = ± 10 %
LX =
loose pack
without
quantity
000 = standard
3 digit code =
customized version
Ni version (1)
Product Description: ZWS 6 SL 3 1K0 10 %
ZWS6
SL
3
1K0
10 %
TYPE
VARIANT /
TERMINAL
TCR / MATERIAL
RESISTANCE
TOLERANCE
ZWS6
ZWS8
ZWS12
ZWS15
ZWS20
ZWS35
ZWS50
ZWS100
ZWS150
ZWS250
ZWS30/100
ZWS30/133
SL
SS
SB
SSB
FST
E SL
E SS
E SB
E SSB
E FST
1 = WM50
3 = WM110
R15 = 0.15
620K = 620 k
± 2 %
± 5 %
± 10 %
0063
100
3
WS
KL
X
0
1
Z
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com