Electronic Components Datasheet Search
  English  ▼

X  

SDT8028 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SDT8028
Description  Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SDT8028 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SDT8028 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDT8028 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDT8028 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDT8028 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDT8028 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDT8028 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDT8028 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDT8028 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDT8028 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
- 7 / 9 -
(SDT8028-T_-Q_)
Specification : TS-S96D048F
July, 2001
10. Characteristic Information
Temperature (°C)
128
0
130
0
132
0
134
0
136
0
-50
0
50
100
Center Wavelength
Temperature (°C)
-10
-9
-8
-7
-6
-5
-4
-3
-50
0
50
100
Optical Output Power
0
1
2
3
4
-50
0
50
100
Spectral Width
Temperature (°C)
Temperature (°C)
10
12
14
16
18
20
-50
0
50
100
Extinction Ratio
Temperature (°C)
120
130
140
150
160
170
180
190
200
-50
0
50
100
Supply Current
Temperature (°C)
0
50
100
150
200
250
-50
0
50
100
Rear Facet Monitor
Temperature (°C)
0
100
200
300
400
500
-50
0
50
100
LD Bias Monitor



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com