Electronic Components Datasheet Search
  English  ▼

X  

5495A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 5495A
Description  4-Bit Parallel Access Shift Registers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

5495A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  5495A Datasheet HTML 1Page - National Semiconductor (TI) 5495A Datasheet HTML 2Page - National Semiconductor (TI) 5495A Datasheet HTML 3Page - National Semiconductor (TI) 5495A Datasheet HTML 4Page - National Semiconductor (TI) 5495A Datasheet HTML 5Page - National Semiconductor (TI) 5495A Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6534
June 1989
5495ADM7495
4-Bit Parallel Access Shift Registers
General Description
These 4-bit registers feature parallel and serial inputs paral-
lel outputs mode control and two clock inputs The regis-
ters have three modes of operation
Parallel (broadside) load
Shift right (the direction QA toward QD)
Shift left (the direction QD toward QA)
Parallel loading is accomplished by applying the four bits of
data and taking the mode control input high The data is
loaded into the associated flip-flops and appears at the out-
puts after the high-to-low transition of the clock-2 input Dur-
ing loading the entry of serial data is inhibited
Shift right is accomplished on the high-to-low transition of
clock 1 when the mode control is low shift left is accom-
plished on the high-to-low transition of clock 2 when the
mode control is high by connecting the output of each flip-
flop to the parallel input of the previous flip-flop (QD to input
C etc) and serial data is entered at input D The clock input
may be applied simultaneously to clock 1 and clock 2 if both
modes can be clocked from the same source
Changes at the mode control input should normally be
made while both clock inputs are low however conditions
described in the last three lines of the truth table will also
ensure that register contents are protected
Features
Y
Typical maximum clock frequency 36 MHz
Y
Typical power dissipation 250 mW
Connection Diagram
Dual-In-Line Package
TLF6534 – 1
Order Number 5495ADMQB 5495AFMQB or DM7495N
See NS Package Number J14A N14A or W14B
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 5495A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5495A ETC1-5495A Datasheet
151Kb / 3P
4-BIT RIGHT/LEFT SHIGT REGISTER
More results

Similar Description - 5495A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54L95 NSC-DM54L95 Datasheet
105Kb / 4P
4-Bit Parallel Access Shift Registers
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
4-bit parallel-access shift register
1996 Mar 12
logo
Texas Instruments
SN54195 TI-SN54195 Datasheet
429Kb / 10P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN5495A TI-SN5495A Datasheet
281Kb / 8P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
logo
Hitachi Semiconductor
HD74LS195A HITACHI-HD74LS195A Datasheet
95Kb / 7P
4-bit Parallel-Access Shift Registers
HD74LS95B HITACHI-HD74LS95B Datasheet
89Kb / 7P
4-bit Parallel Access Shift Registers
logo
Texas Instruments
SN54178 TI-SN54178 Datasheet
220Kb / 6P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN54HC195 TI1-SN54HC195 Datasheet
232Kb / 10P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN74178N TI-SN74178N Datasheet
218Kb / 6P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN5495A TI1-SN5495A_14 Datasheet
525Kb / 14P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com