Electronic Components Datasheet Search
  English  ▼

X  

BA6409F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BA6409F
Description  2-phase half-wave motor pre-driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BA6409F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BA6409F Datasheet HTML 1Page - List of Unclassifed Manufacturers BA6409F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V
V
28
Vcc-1.7
Input voltage *
VBH
1.0
—
—
Supply voltage
VCC
5.2
Parameter
Symbol
Min.
Typ.
Max.
Unit
*Input voltage includes signal amplitude.
Pin6 charge/discharge
current ratio
rcd
8
4.5
3
I6c/I6d
Circuit current
Hall amplifier input hysteresis (+)
Pin3 "L"output voltage
Pin3 current capacity
Pin6 charge current
Pin6 discharge current
Pin6 clamp voltage
Pin6 comparater voltage
V6cp
V
0.8
0.6
0.4
ICC
Vhya+
Vhya–
V3L
I3
I6C
I6d
V6cL
mA
mV
mV
V
mA
µA
µA
V
5.0
+15
—
—
—
—
—
—
—
—
—
—
–15
0.5
5.25
1.45
3.0
3.2
3.45
0.80
2.6
+3
– 3
8.0
2.0
0.35
2.2
Output off
VB=6V (Voltage on Pin2 with respect to Pin4)
VB=6V
I3L=5.0mA
V3L=2.0V
V6PIN=1.5V
V6PIN=1.5V
Conditions
Symbol
Unit
Min.
Typ.
Max.
* The products described herein are not designed to be X ray proof.
Pin7 "H"output voltage
Pin8 "H"output voltage
V7H
V8H
8.8
8.8
9.8
9.8
V
V
Io=10mA
Io=10mA
Parameter
(Unless otherwise noted, Ta=25
˚C, Vcc=12V)
Recommended Operating Conditions (Ta=25˚C)
Electrical Characteristics
Application circuit
AUTOMATIC
RESET
CIRCUIT
LOCK
DETECTION
LOGIC
REGU-
LATOR
Hall AMP
4
3
HALL
ELEMENT
2
1
87
6
5
Vcc
(Voltage on Pin2 with respect to Pin4)
Hall amplifier input hysteresis (–)
V
V
28
Vcc-1.7
Input voltage *
VBH
1.0
—
—
Supply voltage
VCC
5.2
Parameter
Symbol
Min.
Typ.
Max.
Unit
*Input voltage includes signal amplitude.
Pin6 charge/discharge
current ratio
rcd
8
4.5
3
I6c/I6d
Circuit current
Hall amplifier input hysteresis (+)
Pin3 "L"output voltage
Pin3 current capacity
Pin6 charge current
Pin6 discharge current
Pin6 clamp voltage
Pin6 comparater voltage
V6cp
V
0.8
0.6
0.4
ICC
Vhya+
Vhya–
V3L
I3
I6C
I6d
V6cL
mA
mV
mV
V
mA
µA
µA
V
5.0
+15
—
—
—
—
—
—
—
—
—
—
–15
0.5
5.25
1.45
3.0
3.2
3.45
0.80
2.6
+3
– 3
8.0
2.0
0.35
2.2
Output off
VB=6V (Voltage on Pin2 with respect to Pin4)
VB=6V
I3L=5.0mA
V3L=2.0V
V6PIN=1.5V
V6PIN=1.5V
Conditions
Symbol
Unit
Min.
Typ.
Max.
* The products described herein are not designed to be X ray proof.
Pin7 "H"output voltage
Pin8 "H"output voltage
V7H
V8H
8.8
8.8
9.8
9.8
V
V
Io=10mA
Io=10mA
Parameter
(Unless otherwise noted, Ta=25
˚C, Vcc=12V)
Recommended Operating Conditions (Ta=25˚C)
Electrical Characteristics
Application circuit
AUTOMATIC
RESET
CIRCUIT
LOCK
DETECTION
LOGIC
REGU-
LATOR
Hall AMP
4
3
HALL
ELEMENT
2
1
87
6
5
Vcc
(Voltage on Pin2 with respect to Pin4)
Hall amplifier input hysteresis (–)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com