Electronic Components Datasheet Search
  English  ▼

X  

GS3023 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS3023
Description  CIC Size DynamEQ I Dynamic Equalizer - Class D
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS3023 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS3023 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS3023 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS3023 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS3023 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS3023 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS3023 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS3023 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This WDRC (Wide Dynamic Range Compression) system can
be easily configured to provide either a TILL (Treble Increases
at Low Level) or wideband response.
Twin averaging detector circuits drastically reduce the pump-
ing effects associated with traditional fast attack/slow release
systems. The fast detection circuitry cuts in to control the
output level during impulsive sounds, but quickly backs out of
the way during normal operation.
Low distortion, large signal handling capabilities and constant
corner frequncy make it ideal for providing loudness growth
compensation for many of the mild to moderate cases.
The size of the hybrid and variety of electrical access points,
offers system design flexibility perfect for ITC and CIC
applications.
Stage A is a highpass channel with 2:1 compression, Stage B
is a wideband unity gain buffer. The sum of the two paths gives
a high frequency boost to low level signals, which gradually
compresses to a flat response at high input levels. Stage C is
used for volume control adjustment, while stage D is a fixed
gain stage with MPO control designed to drive class D
integrated receivers.
CIC Size DynamEQ® I
Dynamic Equalizer - Class D
GS3023 - DATA SHEET
FEATURES
• unique twin average detectors
• dual channel signal processing
• adjustable AGC threshold levels
• MPO range externally adjustable
• handles high input levels (up to 100 mVRMS)
cleanly
• designed for CIC instruments
• 2:1 compression of high frequencies
• designed to drive class D integrated receivers
• 65% smaller by volume than DynamEQ® I (GS3011)
• 50% smaller by volume than DynamEQ® I (GS3021)
STANDARD PACKAGING
• Hybrid Typical Dimensions
0.180 in x 0.115 in x 0.080 in
(4.57 mm x 2.92 mm x 2.03 mm)
DESCRIPTION
DynamEQ® I (GS3023) hybrid is a dual channel level dependent
input compression amplifier.
OUT
48k
8k4
0
µ1
100k
- C
VB
VREG
REGULATOR
SLOW
AVERAGE
DETECTOR
FAST
AVERAGE
DETECTOR
RTH
CURRENT
REFERENCE
2:1
COMPRESSION
CONTROL
GS3023
MPO
CHP
IN
MGND
COUT
CIN
ABOUT
0
µ1
82n
12k
C2
0
µ1
C1
3n9
- A
- B
68k
RECTIFIER
D
50k
GND
50k
100k
CSAD
50k
50k
48k
C6
VB
C3
C4
9
1
47n
C5
5
3
6
8
4
2
7
11
13
10
12
CFAD
14
All resistors in ohms, all capacitors in farads unless otherwise stated.
Patent Pending.
FUNCTIONAL BLOCK DIAGRAM
Revision Date: May 1998
Document No. 521 - 15 - 03
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 tel. +1 (905) 632-2996
Web Site: www.gennum.com
E-mail: hipinfo@gennum.com


Similar Part No. - GS3023

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS3020 GENNUM-GS3020 Datasheet
131Kb / 6P
Dynamic Equalizer
logo
List of Unclassifed Man...
GS3024A ETC1-GS3024A Datasheet
92Kb / 6P
CIC, CLASS D HYBRID
GS3026 ETC-GS3026 Datasheet
99Kb / 7P
AGC-O in a CIC Size Hybrid
More results

Similar Description - GS3023

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS3026 ETC-GS3026 Datasheet
99Kb / 7P
AGC-O in a CIC Size Hybrid
GS3044 ETC-GS3044 Datasheet
111Kb / 6P
AGC-O with Active Low Cut Filter in a CIC Size Hybrid
GS3011 ETC1-GS3011 Datasheet
120Kb / 7P
DynamEQ I Dynamic Equalizer
GS3024A ETC1-GS3024A Datasheet
92Kb / 6P
CIC, CLASS D HYBRID
logo
Gennum Corporation
GS3020 GENNUM-GS3020 Datasheet
131Kb / 6P
Dynamic Equalizer
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
Tyco Electronics
1-175195-2 MACOM-1-175195-2 Datasheet
88Kb / 1P
M SIZE DYNAMIC SERIES REC. CONTACT
logo
KR Electronics, Inc.
2981 KR-2981 Datasheet
60Kb / 2P
Equalizer
logo
Cirrus Logic
WM9081 CIRRUS-WM9081 Datasheet
2Mb / 103P
Mono DAC with 2.6W Class AB/D Speaker Driver, Dynamic Range Controller and ReTune??Mobile Parametric Equalizer
logo
Maxim Integrated Produc...
MAX98390 MAXIM-MAX98390 Datasheet
4Mb / 213P
Boosted Class-D Amplifier with Integrated Dynamic Speaker Management
19-100540; Rev 3; 7/20
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com