Electronic Components Datasheet Search
  English  ▼

X  

R3-NEIP1 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-NEIP1
Description  Remote I/O R3 Series EtherNet/IP INTERFACE MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NEIP1 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-NEIP1 Datasheet HTML 1Page - M-System Co.,Ltd. R3-NEIP1 Datasheet HTML 2Page - M-System Co.,Ltd. R3-NEIP1 Datasheet HTML 3Page - M-System Co.,Ltd. R3-NEIP1 Datasheet HTML 4Page - M-System Co.,Ltd. R3-NEIP1 Datasheet HTML 5Page - M-System Co.,Ltd. R3-NEIP1 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: R3-NEIP1
R3-NEIP1 SPECIFICATIONS
ES-8466 Rev.6 Page 2/6
https://www.m-system.co.jp/
status)
Ethernet indicator LED: TX/RX, LINK
MS (Module Status) indicator: Bi-color (green/red) LED
indicates device status.
NS (Network Status) indicator: Bi-color (green/red) LED
indicates status of the communication link.
Note: Not connectable beyond router.
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight: 200 g (0.44 lb)
PERFORMANCE
Current consumption: 130 mA
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(EtherNet/IP to internal bus or internal power to RUN contact
output)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EXTERNAL VIEW
MS Indicator LED
■ FRONT VIEW
■ SIDE VIEW
NS Indicator LED
SW2
ON
8
7
6
5
4
3
2
1
SW3
ON
4
3
2
1
ON
8
7
6
5
4
3
2
1
SW1
Functions
1
2
3
4
5
6
Configuration Jack
Ethernet Indicator
LINK
TX/RX
RJ-45 Modular Jack



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com