Electronic Components Datasheet Search
  English  ▼

X  

R3-NEIP1/CE Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-NEIP1/CE
Description  Remote I/O R3 Series EtherNet/IP INTERFACE MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NEIP1/CE Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-NEIP1/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-NEIP1/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-NEIP1/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-NEIP1/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-NEIP1/CE Datasheet HTML 5Page - M-System Co.,Ltd. R3-NEIP1/CE Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: R3-NEIP1
R3-NEIP1 SPECIFICATIONS
ES-8466 Rev.6 Page 1/6
https://www.m-system.co.jp/
Remote I/O R3 Series
EtherNet/IP INTERFACE MODULE
Functions & Features
• Converts analog and discrete I/O data to the open network
fieldbus (EtherNet/IP)
Typical Applications
• Remote I/O for DCS and PLC
109
[4.29]
27.5 [1.08]
130
[5.12]
mm [inch]
MODEL:R3–NEIP1[1]
ORDERING INFORMATION
• Code number: R3-NEIP1[1]
Specify a code from below for [1].
(e.g. R3-NEIP1/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• PC configurator software (model: R3CON)
• EDS file
The EDS file and configurator software are downloadable at
M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
Ethernet: RJ-45 Modular Jack
Internal bus: Via the Installation Base (model: R3-BSx)
Internal power: Via the Installation Base (model: R3-BSx)
RUN contact output: M3 separable screw terminal (torque
0.5 N·m)
Screw terminal: Nickel-plated steel
Isolation: EtherNet/IP to internal bus or internal power to
RUN contact output
Input error data setting: Input value setting at input module
error with side DIP SW
Dual communication setting: Set with the side DIP switch
Data allocation setting: Set with the side DIP switch
■ RUN CONTACT OUTPUT
RUN contact: Turns ON when both MS and NS LEDs are
green (EtherNet/IP in normal communication).
Rated load: 250 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
(Less than 50 V AC to conform with EU Directive)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 250 VA or 150 W
Minimum load: 1 V DC @ 1 mA
Mechanical life: 2 × 107 cycles (300 cycles/min.)
When driving an inductive load, external contact protection
and noise quenching recommended.
EtherNet/IP COMMUNICATION
Communication Standard: IEEE 802.3u
Transmission: 10BASE-T, 100BASE-TX
Baud rate: 10/100 Mbps (Auto Negotiation function)
Max. number of socket connections: 3
Connection type: Exclusive owner, Listen only, Input only
Protocol: EtherNet/IP
Transmission media: 10BASE-T (STP, Category 5)
100BASETX (STP, Category 5e)
Max. length of fieldbus segment: 100 meters
IP address: 192.168.0.1 (factory setting); Selectable with PC
Configurator Software (model: R3CON)
BOOTP and DHCP available
Port No.: 44818
I/O data area size: Input and output data area size set with
side DIP SW
Required data words:
Input: 35, 67, 131, 252 words
Output: 35, 67, 131, 252 words (3 words are used only for


Similar Part No. - R3-NEIP1/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-NE1 MSYSTEM-R3-NE1 Datasheet
227Kb / 8P
Remote I/O R3 Series ETHERNET INTERFACE MODULE
R3-NE1-K3 MSYSTEM-R3-NE1-K3 Datasheet
227Kb / 8P
Remote I/O R3 Series ETHERNET INTERFACE MODULE
R3-NE1-K3/CE MSYSTEM-R3-NE1-K3/CE Datasheet
227Kb / 8P
Remote I/O R3 Series ETHERNET INTERFACE MODULE
R3-NE1-K3/Q MSYSTEM-R3-NE1-K3/Q Datasheet
227Kb / 8P
Remote I/O R3 Series ETHERNET INTERFACE MODULE
R3-NE1-L3 MSYSTEM-R3-NE1-L3 Datasheet
227Kb / 8P
Remote I/O R3 Series ETHERNET INTERFACE MODULE
More results

Similar Description - R3-NEIP1/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-GM1 MSYSTEM-R3-GM1 Datasheet
204Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM1 MSYSTEM-R3-NM1 Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NL2 MSYSTEM-R3-NL2 Datasheet
187Kb / 6P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-NL1 MSYSTEM-R3-NL1 Datasheet
152Kb / 5P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-NE1 MSYSTEM-R3-NE1 Datasheet
227Kb / 8P
Remote I/O R3 Series ETHERNET INTERFACE MODULE
R3-ND3 MSYSTEM-R3-ND3 Datasheet
173Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
Remote I/O R3 Series INTERFACE I/O MODULE
R7F4HEIP-DAC16C MSYSTEM-R7F4HEIP-DAC16C Datasheet
527Kb / 5P
Remote I/O R7F4HEIP Series EtherNet/IP I/O MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com