Electronic Components Datasheet Search
  English  ▼

X  

R3-MS8 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-MS8
Description  Remote I/O R3 Series POTENTIOMETER INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-MS8 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-MS8 Datasheet HTML 1Page - M-System Co.,Ltd. R3-MS8 Datasheet HTML 2Page - M-System Co.,Ltd. R3-MS8 Datasheet HTML 3Page - M-System Co.,Ltd. R3-MS8 Datasheet HTML 4Page - M-System Co.,Ltd. R3-MS8 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R3-MS8
R3-MS8 SPECIFICATIONS
ES-8402 Rev.9 Page 2/5
https://www.m-system.co.jp/
PERFORMANCE
Conversion accuracy: Refer to the table at the end of this
section.
The resolution and conversion accuracy are defined against
the potentiometer's total resistance. If the actual resistance
range (between the zero and span positions) is narrower
than the total resistance, the values change in proportion.
Using at least 50 % of the total resistance is basically
recommended.
Conversion rate: 160 / 80 / 40 / 20 msec. selectable
Data range: 0 – 10000
Data allocation: 8
Current consumption: Approx. 100 mA
Temp. coefficient: ±0.015 % /°C
Temperature coefficient is defined against the
potentiometer's total resistance. If the actual resistance
range (between the zero and span positions) is narrower
than the total resistance, the values change in proportion.
Using at least 50 % of the total resistance is basically
recommended.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1000 V AC @ 1 minute (input 1 to input
2 to input 3 to input 4 to input 5 to input 6 to input 7 to
input 8 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
Conversion accuracy
CONVERSION RATE
160 msec.
80 msec.
40 msec.
20 msec.
Resolution
1/10000
1/5000
1/2500
1/1250
Accuracy
±0.05%
±0.1%
±0.2%
±0.4%
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com