Electronic Components Datasheet Search
  English  ▼

X  

TUSB216I Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB216I
Description  TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB216I Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB216I Datasheet HTML 7Page - Texas Instruments TUSB216I Datasheet HTML 8Page - Texas Instruments TUSB216I Datasheet HTML 9Page - Texas Instruments TUSB216I Datasheet HTML 10Page - Texas Instruments TUSB216I Datasheet HTML 11Page - Texas Instruments TUSB216I Datasheet HTML 12Page - Texas Instruments TUSB216I Datasheet HTML 13Page - Texas Instruments TUSB216I Datasheet HTML 14Page - Texas Instruments TUSB216I Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
8.4.4 High-speed Downstream Port Electrical Compliance Test Mode
TUSB217A will detect HS compliance test fixture and enter downstream port high-speed eye diagram test mode.
CD pin will be low and ENA_HS pin is asserted high when TUSB217A is in HS eye compliance test mode.
If RSTN pin is asserted low and de-asserted high while TUSB217A is operating in HS functional mode,
TUSB217A may transition to HS eye compliance test mode and CD asserts low and ENA_HS remains high.
When this occurs signal compensation is enabled.
8.4.5 Shutdown Mode
TUSB217A can be disabled when its RSTN pin is asserted low. DP, DM traces are continuous through the
device in shutdown mode. The USB channel is still fully operational, but there is neither signal compensation,
nor any indication from the CD pin as to the status of the channel.
Table 8-1. CD and ENA_HS Pins in Different Modes
MODE
CD
ENA_HS
Low-speed
HIGH
LOW
Full-speed
HIGH
LOW
High-speed
HIGH
HIGH
High-speed downstream port electrical test
LOW
HIGH
Shutdown
LOW
LOW
8.4.6 I2C Mode
TUSB217A supports 100 KHz I2C for device configuration, status read back and test purposes. For detail
electrical and functional specifications refer to I2C Bus Specification 2.1, 2001 – STANDARD MODE. This
controller is enabled after SCL and SDA pins are sampled high shortly after return from shutdown. In this
mode, the CSR can be accessed by I2C read/write transaction to 7-bit slave address 0x2C. It is advised to set
CFG_ACTIVE bit before changing values. This halts the FSM, and reset it after all changes are made. This
ensure proper startup into high-speed mode.
8.4.7 BC 1.2 Battery Charging Controller
Battery charging controller feature is always enabled in TUSB217ARWB and supports both CDP charging
downstream port functionality and DCP dedicated charging port functionality depending on DCP/CDP pin. When
DCP/CDP pin is high the BC 1.2 controller supports CDP mode and when DCP/CDP pin is low BC 1.2 controller
supports DCP mode. DCP/CDP pin can be dynamically controlled. When host or hub is disabled DCP/CDP pin
can be set low to support DCP mode and when host or hub is enabled DCP/CDP pin can be set to high to
support CDP. Downstream VBUS should be toggled after the DCP/CDP pin change so BC 1.2 handshake starts
over to indicate charging mode change.
DCP/CDP pin has an internal pull up resistor. When DCP/CDP pin is left unconnected the BC 1.2 controller will
be in CDP mode.
Table 8-2. TUSB217ARWB Battery Charging Controller Modes
Pin 11 (DCP/CDP)
CDP
DCP
Low
NO
YES
High
YES
NO
8.5 TUSB217A Registers
Table 8-3 lists the memory-mapped registers for the TUSB217A registers. All register offset addresses not listed
in Table 8-3 should be considered as reserved locations and the register contents should not be modified.
Table 8-3. TUSB217A Registers
Offset
Acronym
Register Name
Section
0x1
EDGE_BOOST
This register is setting EDGE BOOST level.
Go
0x3
CONFIGURATION
This register is selecting device mode.
Go
www.ti.com
TUSB217A
SLLSFK5 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TUSB217A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com