Electronic Components Datasheet Search
  English  ▼

X  

5452515 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5452515
Description  Printed-circuit board connector - BCP-350F- 6 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452515 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5452515 Datasheet HTML 1Page - PHOENIX CONTACT 5452515 Datasheet HTML 2Page - PHOENIX CONTACT 5452515 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452515
05/06/2016   Page 1 / 3
Printed-circuit board connector - BCP-350F- 6 BK - 5452515
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 6, Pitch: 3.5 mm,
Connection method: Screw connection with tension sleeve, Color: black, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
China
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440309
eCl@ss 9.0
27440309
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002638


Similar Part No. - 5452515

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452510 PHOENIX-5452510 Datasheet
85Kb / 4P
Printed-circuit board connector - BCH-508VF-20 BK
5452511 PHOENIX-5452511 Datasheet
104Kb / 5P
Printed-circuit board connector - BCP-350F- 2 BK
5452512 PHOENIX-5452512 Datasheet
100Kb / 3P
Printed-circuit board connector - BCP-350F- 3 BK
5452513 PHOENIX-5452513 Datasheet
104Kb / 5P
Printed-circuit board connector - BCP-350F- 4 BK
5452514 PHOENIX-5452514 Datasheet
100Kb / 3P
Printed-circuit board connector - BCP-350F- 5 BK
More results

Similar Description - 5452515

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452521 PHOENIX-5452521 Datasheet
100Kb / 3P
Printed-circuit board connector - BCP-350F-12 BK
5452523 PHOENIX-5452523 Datasheet
100Kb / 3P
Printed-circuit board connector - BCP-350F-14 BK
5452526 PHOENIX-5452526 Datasheet
104Kb / 5P
Printed-circuit board connector - BCP-350F-17 BK
5452527 PHOENIX-5452527 Datasheet
104Kb / 5P
Printed-circuit board connector - BCP-350F-18 BK
5452528 PHOENIX-5452528 Datasheet
100Kb / 3P
Printed-circuit board connector - BCP-350F-19 BK
5452516 PHOENIX-5452516 Datasheet
104Kb / 5P
Printed-circuit board connector - BCP-350F- 7 BK
5452512 PHOENIX-5452512 Datasheet
100Kb / 3P
Printed-circuit board connector - BCP-350F- 3 BK
5452513 PHOENIX-5452513 Datasheet
104Kb / 5P
Printed-circuit board connector - BCP-350F- 4 BK
5452517 PHOENIX-5452517 Datasheet
104Kb / 5P
Printed-circuit board connector - BCP-350F- 8 BK
5452518 PHOENIX-5452518 Datasheet
104Kb / 5P
Printed-circuit board connector - BCP-350F- 9 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com